Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 34 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 34 Page - NEC

Back Button UPD178004A Datasheet HTML 30Page - NEC UPD178004A Datasheet HTML 31Page - NEC UPD178004A Datasheet HTML 32Page - NEC UPD178004A Datasheet HTML 33Page - NEC UPD178004A Datasheet HTML 34Page - NEC UPD178004A Datasheet HTML 35Page - NEC UPD178004A Datasheet HTML 36Page - NEC UPD178004A Datasheet HTML 37Page - NEC UPD178004A Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
34
µPD178004A, 178006A, 178016A, 178018A
AC CHARACTERISTICS
(1) BASIC OPERATION (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Cycle time
TCY
fXX = fX/2 Note 1, fX = 4.5 MHz operation
0.89
14.22
µs
(Minimum instruction
fXX = fX Note 2,
4.5
≤ VDD ≤ 5.5 V
0.44
7.11
µs
execution time)
fX = 4.5 MHz operation
3.5
≤ VDD < 4.5 V
0.89
7.11
µs
TI1, TI2 input
fTI
4.5
≤ VDD ≤ 5.5 V
0
4.5
MHz
frequency
3.5 V
≤ VDD ≤ 4.5 V
0
275
kHz
TI1, TI2 input high/
tTIH,
4.5
≤ VDD ≤ 5.5 V
111
ns
low-level width
tTIL
3.5 V
≤ VDD ≤ 4.5 V
1.8
µs
Interrupt input high/
TINTH,
INTP0
8/fsam Note 3
µs
low-level width
TINTL
INTP1 to INTP6
10
µs
RESET low level
tRSL
10
µs
width
Notes 1. When oscillation mode selection (OSMS) register is set at 00H.
2. When OSMS is set at 01H.
3. In combination with bits 0 (SCS0) and 1 (SCS1) of sampling clock select register (SCS), selection
of fsam is possible between fXX/2N, fXX/32, fXX/64 and fXX/128 (when N = 0 to 4).
Remarks 1. fXX: System clock frequency (fX or fX/2)
2. fX: System clock oscillation frequency
TCY vs VDD (At FXX = FX/2 system clock operation)
TCY vs VDD (At FXX = FX system clock operation)
60
10
2.0
1.0
0.5
0.4
0
123
4
5
6
Power Supply Voltage VDD [V]
Operation
Guaranteed
Range
60
10
2.0
1.0
0.5
0.4
0
123
4
5
6
Power Supply Voltage VDD [V]
Operation
Guaranteed
Range


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com