Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178004A Datasheet(PDF) 32 Page - NEC

Part # UPD178004A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178004A Datasheet(HTML) 32 Page - NEC

Back Button UPD178004A Datasheet HTML 28Page - NEC UPD178004A Datasheet HTML 29Page - NEC UPD178004A Datasheet HTML 30Page - NEC UPD178004A Datasheet HTML 31Page - NEC UPD178004A Datasheet HTML 32Page - NEC UPD178004A Datasheet HTML 33Page - NEC UPD178004A Datasheet HTML 34Page - NEC UPD178004A Datasheet HTML 35Page - NEC UPD178004A Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
32
µPD178004A, 178006A, 178016A, 178018A
DC CHARACTERISTICS (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
Note
When an input instruction is executed, the low-level input leakage current for P60 to P63 becomes –200
µA (MAX.) only in one clock cycle (at no wait). It remains at –3 µA (MAX.) for other than an input instruction.
Remark The characteristics of alternate-function pins and port pins are the same unless specified otherwise.
REFERENCE CHARACTERISTICS (TA = 25
°C, VDD = 5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
ILIH1
P00 to P06, P10 to P15,
VIN = VDD
3
µA
current high
P20 to P27, P30 to P37,
P40 to P47, P50 to P57,
P64 to P67, P120 to P125,
RESET
ILIH2
P60 to P63
VIN = 15 V
80
µA
Input leakage
ILIL1
P00 to P06, P10 to P15,
VIN = 0 V
–3
µA
current low
P20 to P27, P30 to P37,
P40 to P47, P50 to P57,
P64 to P67, P120 to P125,
RESET
ILIL2
P60 to P63
–3 Note
µA
Output leakage
ILOH
P132 to P134
VOUT = 15 V
3
µA
current high
Output leakage
ILOL
P132 to P134
VOUT = 0 V
–3
µA
current low
Output off leak
ILOF
EO0, EO1
VOUT = VDD,
±1
µA
current
VOUT = 0 V
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Output current high
IOH1
EO0
VOUT = VDD – 1 V
–4
mA
EO1 (EOCON0 = 0)
–1.8
mA
Output current low
IOL1
EO0
VOUT = 1 V
6
mA
EO1 (EOCON0 = 0)
3.5
mA
(2/3)
(1/2)


Similar Part No. - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
UPD178004AGC-XXX-3B9 RENESAS-UPD178004AGC-XXX-3B9 Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD178004A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com