Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178002 Datasheet(PDF) 22 Page - NEC

Part # UPD178002
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178002 Datasheet(HTML) 22 Page - NEC

Back Button UPD178002 Datasheet HTML 18Page - NEC UPD178002 Datasheet HTML 19Page - NEC UPD178002 Datasheet HTML 20Page - NEC UPD178002 Datasheet HTML 21Page - NEC UPD178002 Datasheet HTML 22Page - NEC UPD178002 Datasheet HTML 23Page - NEC UPD178002 Datasheet HTML 24Page - NEC UPD178002 Datasheet HTML 25Page - NEC UPD178002 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
µPD178002, 178003
Data Sheet U12628EJ3V0DS00
6. INTERRUPT FUNCTIONS AND TEST FUNCTIONS
6.1 Interrupt Functions
A total of 8 interrupt sources are provided, divided into the following two types.
• Maskable: 7
• Software:
1
Table 6-1. Interrupt Source List
Interrupt
Note 1
Interrupt Source
Internal/
Vector
Basic
Default
Table
Configuration
Type
Priority
Name
Trigger
External
Address
TypeNote 2
Maskable
0
INTP0
Pin input edge detection
External
0006H
(A)
1
INTP1
0008H
(B)
2
INTCSI1
End of serial interface channel 1 transfer
Internal
0016H
(C)
3
INTTMC
Generation of matching signal of basic timer
0018H
4
INTTM1
Generation of matching signal of 8-bit
001CH
timer/event counter 1
5
INTTM2
Generation of matching signal of 8-bit
001EH
timer/event counter 2
6
INTAD
End of conversion by A/D converter
0020H
Software
BRK
Execution of BRK instruction
003EH
(D)
Notes 1. The default priority is a priority order when several maskable interrupts are generated at the same time.
0 is the highest order and 6 is the lowest order.
2. Basic configuration types (A) to (D) correspond to (A) to (D) in Figure 6-1.


Similar Part No. - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178002

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com