Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178002 Datasheet(PDF) 20 Page - NEC

Part # UPD178002
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178002 Datasheet(HTML) 20 Page - NEC

Back Button UPD178002 Datasheet HTML 16Page - NEC UPD178002 Datasheet HTML 17Page - NEC UPD178002 Datasheet HTML 18Page - NEC UPD178002 Datasheet HTML 19Page - NEC UPD178002 Datasheet HTML 20Page - NEC UPD178002 Datasheet HTML 21Page - NEC UPD178002 Datasheet HTML 22Page - NEC UPD178002 Datasheet HTML 23Page - NEC UPD178002 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
µPD178002, 178003
Data Sheet U12628EJ3V0DS00
5.7 PLL Frequency Synthesizer
Figure 5-7. Block Diagram of PLL Frequency Synthesizer
Note External circuit
Internal bus
Internal bus
(PLLRF)
(PLLUL)
PLL mode
select register
PLL
data transfer register
PLL
NS0
PLL
MD0
PLL
MD1
PLL
RF2
PLL
RF1
PLL
RF0
PLL
UL0
PLL reference
mode register
PLL unlock
FF judge
register
PLL
RF3
2
Input select
block
Programmable
divider
Phase
comparator
( -DET)
Unlock
FF
Reference
frequency
generator
4.5 MHz
4
Charge
pump
EO1
EO0
VCOH
(PLLMD)
(PLLNS)
VCOL
Mixer
2
fN
fr
PLL data register
(PLLRL, PLLRH, PLLR0)
φ
Voltage
control
generator
Low pass
filter
Note
Note


Similar Part No. - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com