Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178002 Datasheet(PDF) 14 Page - NEC

Part # UPD178002
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178002 Datasheet(HTML) 14 Page - NEC

Back Button UPD178002 Datasheet HTML 10Page - NEC UPD178002 Datasheet HTML 11Page - NEC UPD178002 Datasheet HTML 12Page - NEC UPD178002 Datasheet HTML 13Page - NEC UPD178002 Datasheet HTML 14Page - NEC UPD178002 Datasheet HTML 15Page - NEC UPD178002 Datasheet HTML 16Page - NEC UPD178002 Datasheet HTML 17Page - NEC UPD178002 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
µPD178002, 178003
Data Sheet U12628EJ3V0DS00
5. PERIPHERAL HARDWARE FUNCTION FEATURES
5.1 Ports
The following four types of I/O ports are available.
• CMOS input (P00):
1
• CMOS input/output (P01 to P06, port 1 to port 5, P64 to P67, port 12):
54
• N-ch open-drain input/output (P60 to P63):
4
• N-ch open-drain output (Port 13):
3
Total:
62
Table 5-1. Port Functions
Name
Pin Name
Function
Port 0
P00
Input only
P01 to P06
Input/output port. Input/output can be specified in 1-bit units.
Port 1
P10 to P15
Input/output port. Input/output can be specified in 1-bit units.
Port 2
P20 to P27
Input/output port. Input/output can be specified in 1-bit units.
Port 3
P30 to P37
Input/output port. Input/output can be specified in 1-bit units.
Port 4
P40 to P47
Input/output port. Input/output can be specified in 8-bit units.
The test flag (KRIF) is set to 1 by falling edge detection.
Port 5
P50 to P57
Input/output port. Input/output can be specified in 1-bit units.
Port 6
P60 to P63
N-ch open-drain input/output port. Input/output can be specified in 1-bit units.
LEDs can be driven directly.
P64 to P67
Input/output port. Input/output can be specified in 1-bit units.
Port 12
P120 to P125 Input/output port. Input/output can be specified in 1-bit units.
Port 13
P132 to P134 N-ch open-drain output port.


Similar Part No. - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com