Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178002 Datasheet(PDF) 1 Page - NEC

Part # UPD178002
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178002 Datasheet(HTML) 1 Page - NEC

  UPD178002 Datasheet HTML 1Page - NEC UPD178002 Datasheet HTML 2Page - NEC UPD178002 Datasheet HTML 3Page - NEC UPD178002 Datasheet HTML 4Page - NEC UPD178002 Datasheet HTML 5Page - NEC UPD178002 Datasheet HTML 6Page - NEC UPD178002 Datasheet HTML 7Page - NEC UPD178002 Datasheet HTML 8Page - NEC UPD178002 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
©
1997, 1999
DATA SHEET
µPD178002,178003
MOS INTEGRATED CIRCUIT
The
µPD178002 and 178003 are 8-bit single-chip CMOS microcontrollers that incorporate hardware for digital
tuning systems.
The CPU uses the 78K/0 architecture, which makes it easy to implement high-speed access to internal memory
and control of peripheral hardware. Also, the instructions used are the high-speed 78K/0 instructions, suitable for
system control.
The peripheral hardware includes an input/output port, 8-bit timer, A/D converter, serial interface, power-on-clear
circuits, as well as a pre-scaler for digital tuning, a PLL frequency synthesizer, and a frequency counter.
The
µPD178P018A, one-time PROM or EPROM versions that can be operated in the same supply voltage range
as for the mask ROM versions, and various development tools, are also available.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µPD178003 Subseries User’s Manual:
U13033E
78K/0 Series User’s Manual — Instructions: U12326E
FEATURES
• Program memory (ROM) capacity
µPD178002: 16 Kbytes
µPD178003: 24 Kbytes
• Data memory (RAM) capacity: 512 bytes
• Instruction cycle: 0.44
µs (4.5 MHz crystal resonator used)
• Selected peripheral hardware of the
µPD178018A Subseries
General-purpose I/O ports, A/D converter, serial interface, timer, frequency counter, power-on-clear circuits.
• On-chip hardware for a PLL frequency synthesizer.
Dual modulus pre-scaler, programmable divider, phase comparator, charge pump.
• Vector interrupt sources: 8
• Supply Voltage: VDD = 4.5 to 5.5 V (during PLL operation)
VDD = 3.5 to 5.5 V (during CPU operation, when the system clock is fX/2 or lower)
VDD = 4.5 to 5.5 V (during CPU operation, when the system clock is fX)
8-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U12628EJ3V0DS00 (3rd edition)
Date Published December 1999 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com