Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178002 Datasheet(PDF) 32 Page - NEC

Part # UPD178002
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178002 Datasheet(HTML) 32 Page - NEC

Back Button UPD178002 Datasheet HTML 28Page - NEC UPD178002 Datasheet HTML 29Page - NEC UPD178002 Datasheet HTML 30Page - NEC UPD178002 Datasheet HTML 31Page - NEC UPD178002 Datasheet HTML 32Page - NEC UPD178002 Datasheet HTML 33Page - NEC UPD178002 Datasheet HTML 34Page - NEC UPD178002 Datasheet HTML 35Page - NEC UPD178002 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
µPD178002, 178003
Data Sheet U12628EJ3V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
(3/3)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply
IDD1
While the CPU is operating
TCY = 0.89
µsNote 2
2.5
15
mA
currentNote 1
and the PLL is stopped
IDD2
fX = 4.5 MHz operation
TCY = 0.44
µsNote 3
4.0
27
mA
VDD = 4.5 to 5.5 V
IDD3
While the CPU is operating
TCY = 0.89
µsNote 2
0.7
1.5
mA
and the PLL is stopped
HALT Mode
IDD4
Pin X1 sine wave
TCY = 0.44
µsNote 3
1.0
2.0
mA
input VIN = VDD.
VDD = 4.5 to 5.5 V
fX = 4.5 MHz operation
Data retention
VDDR1
When the crystal oscillation TCY = 0.44
µs
4.5
5.5
V
power supply voltage VDDR2
is operating
TCY = 0.89
µs
3.5
5.5
V
VDDR3
When the crystal oscillation is stopped
2.6
5.5
V
When power off by power on clear is detected
Data retention
IDDR1
When the crystal oscillation TA = 25
°C, VDD = 5 V
2
4
µA
power supply current
IDDR2
is stopped
230
µA
Notes 1. The current flowing to the ports is not included.
2. When the processor clock control register (PCC) is set to 00H, and the oscillation mode select register
(OSMS) is set to 00H.
3. When PCC is set to 00H and OSMS is set to 01H.
Remarks 1. TCY: Cycle time (minimum instruction execution time)
2. fX: System clock oscillation frequency.
Reference Characteristics (TA = 25
°C, VDD = 5 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply
IDD5
During CPU operation
TCY = 0.44
µsNote
7mA
current
and PLL operation.
VCOH pin sine wave
input
fIN = 130 MHz,
VIN = 0.15 Vp-p
Note When the processor clock control register (PCC) is set to 00H, and the oscillation mode select register
(OSMS) is set to 01H.
Remark
TCY: Cycle time (minimum instruction execution time)


Similar Part No. - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com