Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD178002 Datasheet(PDF) 31 Page - NEC

Part # UPD178002
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178002 Datasheet(HTML) 31 Page - NEC

Back Button UPD178002 Datasheet HTML 27Page - NEC UPD178002 Datasheet HTML 28Page - NEC UPD178002 Datasheet HTML 29Page - NEC UPD178002 Datasheet HTML 30Page - NEC UPD178002 Datasheet HTML 31Page - NEC UPD178002 Datasheet HTML 32Page - NEC UPD178002 Datasheet HTML 33Page - NEC UPD178002 Datasheet HTML 34Page - NEC UPD178002 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
31
µPD178002, 178003
Data Sheet U12628EJ3V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 3.5 to 5.5 V)
(2/3)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
ILIH1
P00 to P06, P10 to P15, P20 to P27,
VIN = VDD
3
µA
current, high
P30 to P37, P40 to P47, P50 to P57,
P64 to P67, P120 to P125, RESET
ILIH2
P60 to P63
VIN = VDD
80
µA
Input leakage
ILIL1
P00 to P06, P10 to P15, P20 to P27,
VIN = 0 V
–3
µA
current, low
P30 to P37, P40 to P47, P50 to P57,
P64 to P67, P120 to P125, RESET
ILIL2
P60 to P63
–3Note
µA
Output leakage
ILOH
P132 to P134
VOUT = VDD
3
µA
current, high
Output leakage
ILOL
P132 to P134
VOUT = 0 V
–3
µA
current, low
Output off leakage
ILOF
EO0, EO1
VOUT = VDD,
±1
µA
current
VOUT = 0 V
Note When an input instruction is executed to P60 to P63, a low-level input leakage current of –200
µA (MAX.)
flows only for one clock. At times other than this 1-clock interval, a –3
µA (MAX.) current flows.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of port
pins.
Reference Characteristics (TA = 25
°C, VDD = 5 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current, high
IOH1
EO0
VOUT = VDD – 1 V
–4
mA
EO1
–1.8
mA
Output current, low
IOL1
EO0
VOUT = 1 V
6
mA
EO1
3.5
mA


Similar Part No. - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com