Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2093R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2093R
Description  Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2093R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2093R_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev.3.00 Sep 07, 2005 page 1 of 3
HAT2093R
Silicon N Channel Power MOS FET
High Speed Power Switching
REJ03G1185-0300
(Previous: ADE-208-1237A)
Rev.3.00
Sep 07, 2005
Features
• Low on-resistance
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
Outline
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8 <FP-8DAV> )
1, 3
Source
2, 4
Gate
5, 6, 7, 8
Drain
G
D
S
D
G
D
S
D
MOS1
MOS2
1
2
78
4
56
3
1 2
3 4
5
6
7
8


Similar Part No. - HAT2093R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R-EL-E RENESAS-HAT2093R-EL-E Datasheet
60Kb / 4P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2093R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com