Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2093R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2093R
Description  Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2093R Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2093R_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2093R_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HAT2093R
Rev.3.00 Sep 07, 2005 page 2 of 3
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
9
A
Drain peak current
ID (pulse)
Note 1
72
A
Body-drain diode reverse drain current
IDR
9
A
Channel dissipation
Pch
Note 2
2
W
Channel dissipation
Pch
Note 3
3
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. 1 Drive operation: When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
3. 2 Drive operation: When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
30
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
1.0
2.5
V
VDS = 10 V, ID = 1 mA
RDS (on)
18
23
m
ID = 4.5 A, VGS = 10 V
Note 4
Static drain to source on state resistance
RDS (on)
27
39
m
ID = 4.5 A, VGS = 4.5 V
Note 4
Forward transfer admittance
|yfs|
9
15
S
ID = 4.5 A, VDS = 10 V
Note 4
Input capacitance
Ciss
750
pF
Output capacitance
Coss
200
pF
Reverse transfer capacitance
Crss
110
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Total gate charge
Qg
12
nC
Gate to source charge
Qgs
2.3
nC
Gate to drain charge
Qgd
2.2
nC
VDD = 10 V
VGS = 10 V
ID = 9 A
Turn-on delay time
td (on)
11
ns
Rise time
tr
16
ns
Turn-off delay time
td (off)
40
ns
Fall time
tf
7
ns
VGS = 10 V, ID = 4.5 A
VDD
≅ 10 V
RL = 2.22
Rg = 4.7
Body-drain diode forward voltage
VDF
0.85
1.10
V
IF = 9 A, VGS = 0
Note 4
Body-drain diode reverse recovery time
trr
50
ns
IF = 9 A, VGS = 0
diF/dt = 50 A/
µs
Note:
4. Pulse test


Similar Part No. - HAT2093R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R-EL-E RENESAS-HAT2093R-EL-E Datasheet
60Kb / 4P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2093R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com