Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLI630G Datasheet(PDF) 2 Page - International Rectifier

Part # IRLI630G
Description  Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI630G Datasheet(HTML) 2 Page - International Rectifier

  IRLI630G Datasheet HTML 1Page - International Rectifier IRLI630G Datasheet HTML 2Page - International Rectifier IRLI630G Datasheet HTML 3Page - International Rectifier IRLI630G Datasheet HTML 4Page - International Rectifier IRLI630G Datasheet HTML 5Page - International Rectifier IRLI630G Datasheet HTML 6Page - International Rectifier IRLI630G Datasheet HTML 7Page - International Rectifier IRLI630G Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLI630G
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.0
V
TJ = 25°C, IS = 6.2A, VGS = 0V
trr
Reverse Recovery Time
–––
230
350
ns
TJ = 25°C, IF = 9.0A
Qrr
Reverse RecoveryCharge
–––
1.7
2.6
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
VDD = 25V, starting TJ = 25°C, L = 2.4mH
RG = 25Ω, IAS = 6.2A. (See Figure 12)
ISD ≤ 9.0A, di/dt ≤ 120A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.27
–––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
0.40
VGS = 5.0V, ID = 3.7A
–––
–––
0.50
VGS = 4.0V, ID = 3.1A
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
4.8
–––
–––
S
VDS = 50V, ID = 5.4A
–––
–––
25
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 10V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -10V
Qg
Total Gate Charge
–––
–––
40
ID = 9.0A
Qgs
Gate-to-Source Charge
–––
–––
5.5
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
24
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
8.0
–––
VDD = 100V
tr
Rise Time
–––
57
–––
ID = 9.0A
td(off)
Turn-Off Delay Time
–––
38
–––
RG = 6.0Ω
tf
Fall Time
–––
33
–––
RD = 11Ω, See Fig. 10
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 1100 –––
VGS = 0V
Coss
Output Capacitance
–––
220
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
70
–––
ƒ = 1.0MHz, See Fig. 5
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
25
–––
–––
6.2
A
ns
IDSS
Drain-to-Source Leakage Current
IGSS
LD
Internal Drain Inductance
–––
4.5
–––
LS
Internal Source Inductance
–––
7.5
–––
nH
nA
µA
RDS(ON)
Static Drain-to-Source On-Resistance
t=60s, ƒ=60Hz
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRLI630G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLI630G VISHAY-IRLI630G Datasheet
1Mb / 8P
Power MOSFET
Rev. A, 17-Jun-08
IRLI630G VISHAY-IRLI630G Datasheet
1Mb / 10P
Power MOSFET
Rev. C, 11-Oct-2021
logo
International Rectifier
IRLI630GPBF IRF-IRLI630GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRLI630GPBF VISHAY-IRLI630GPBF Datasheet
1Mb / 8P
Power MOSFET
Rev. A, 17-Jun-08
IRLI630GPBF VISHAY-IRLI630GPBF Datasheet
1Mb / 10P
Power MOSFET
Rev. C, 11-Oct-2021
More results

Similar Description - IRLI630G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com