Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT9988 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TAT9988
Description  CATV GaN Power Doubler MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT9988 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TAT9988_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TAT9988
CATV GaN Power Doubler MMIC
Preliminary Datasheet: Rev G 10-07-14
- 2 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-40 to +100°C
RF Input Power, CW, 75
Ω, T=25°C
70 dBmV
Supply Voltage (VDD)
+30 V
Supply Current (IDD)
600 mA
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Supply Voltage (VDD)
24
V
Case Temperature
-30
+100
°C
Junction Temperature, Tj
155
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended
operating conditions.
Typical Performance
− Push-Pull Configuration (1)
Test conditions unless otherwise noted: VDD=+24 V,
75 Ω System, Base Temp=+35°C.
Parameter
Conditions
Min
Typ
Max
Units
Operating Frequency
50
1000
MHz
Gain
Tested at 1000 MHz
23
23.5
24.25
dB
Gain Slope
45 to 1003 MHz
0.25
1.5
dB
Gain Flatness
Relative to Slope Line
±0.5
±0.8
dB
Input Return Loss (2)
18
dB
Output Return Loss (2)
19
dB
CSO
79 channels NTSC
75 channels QAM, -6dB offset,
60 dBmV virtual output, 18dB Tilt
-69
-65
dBc
CTB
-75
-69
dBc
XMOD
-65
dBc
CCN
55
59
dBm
Output IP3
Pout= 19 dBm/tone, at 500 MHz
Δf = 6 MHz
53
dB
Noise Figure
3.5
dB
Supply Current, IDD
410
445
470
mA
Thermal Resistance, θjc
Junction to case
5
°C/W
Notes:
1. Includes balun, board, and connector losses.
2. Return losses dependent on balun and transformer selection.
EVB Information
– TAT8888 Hybrid Evaluation Board Assembly
SOT-115 Hybrid Module
0.020 ± 0.005
Finished Board
Thickness


Similar Part No. - TAT9988_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT905J12512 ETC2-TAT905J12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905K12512 ETC2-TAT905K12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905M12512 ETC2-TAT905M12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT9988_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
   1218 MHz CATV MMIC Power Doubler
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
M/A-COM Technology Solu...
MAAM-010355 MA-COM-MAAM-010355 Datasheet
1Mb / 10P
   CATV Power Doubler
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com