Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT9988 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TAT9988
Description  CATV GaN Power Doubler MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT9988 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TAT9988_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 9Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 10Page - TriQuint Semiconductor TAT9988_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TAT9988
CATV GaN Power Doubler MMIC
Preliminary Datasheet: Rev G 10-07-14
- 11 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and
information about TriQuint:
Web:
www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@tqs.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@tqs.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 0
Value:
<250 Volts
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-C101
ESD Rating: Class III
Value:
500 to 1000 Volts
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with both lead-free (260°C maximum
reflow temperature) and tin/lead (245°C maximum
reflow temperature) soldering processes.
Contact plating: NiPdAu
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive
(Restrictions
on
the
Use
of
Certain
Hazardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
MSL Rating: Level 3
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein.
The information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated
with such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe
personal injury or death.


Similar Part No. - TAT9988_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT905J12512 ETC2-TAT905J12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905K12512 ETC2-TAT905K12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT905M12512 ETC2-TAT905M12512 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT9988_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888_15 Datasheet
301Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Skyworks Solutions Inc.
ACA1216 SKYWORKS-ACA1216 Datasheet
477Kb / 10P
   1218 MHz CATV MMIC Power Doubler
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
   1218 MHz High-Output GaN CATV Power-Doubler Amplifier
logo
M/A-COM Technology Solu...
MAAM-010355 MA-COM-MAAM-010355 Datasheet
1Mb / 10P
   CATV Power Doubler
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
NXP Semiconductors
BGD104 PHILIPS-BGD104 Datasheet
50Kb / 8P
   CATV power doubler amplifier module
1999 Mar 22
BGD502 PHILIPS-BGD502 Datasheet
31Kb / 4P
   CATV power doubler amplifier modules
1995 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com