Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8888 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TAT8888
Description  CATV GaN Power Doubler Hybrid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8888 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TAT8888_15 Datasheet HTML 1Page - TriQuint Semiconductor TAT8888_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT8888_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT8888_15 Datasheet HTML 4Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAT8888
CATV GaN Power Doubler Hybrid
Datasheet: Rev. E 04-03-15
- 1 of 4 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.triquint.com / www.qorvo.com
RFMD + TriQuint = Qorvo
SOT-115 Hybrid Module
Applications
 HFC Nodes
 CATV Line Amplifiers
 Head End Equipment
Functional Block Diagram
INPUT
OUTPUT
VDD
Product Features
 Excellent High Output Linearity
 High Gain 24 dB at 1000 MHz
 50 – 1000 MHz Bandwidth
 Ultra-Low CSO/CTB/XMOD
 Low Noise
 Excellent Input/Output Match
 SOT-115J Packaging
 High Reliability
 +24 V, 445 mA
General Description
The TAT8888 is an ultra-linear, packaged GaAs/GaN
amplifier intended for output stage amplification in
CATV infrastructure applications.
The TAT8888 features a push-pull cascode design
which provides flat gain along with ultra-low distortion,
making it ideal for use in CATV distribution systems
requiring high output power capability.
The TAT8888 draws 445
 mA from a +24 V supply and
exceeds the output linearity performance of traditional
GaAs-based amplifiers.
The TAT8888 is packaged in an industry standard 7-pin
SOT-115J module.
Pin Configuration
Pin No.
Label
1
RF Input 75 Ohm
2
 – 3
GND
5
+24 V Supply
7
 – 8
GND
9
RF Output 75 Ohm
Ordering Information
Part No.
Description
TAT8888
CATV GaN Power Doubler Hybrid
TAT8888


Similar Part No. - TAT8888_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8888-1200 TRIQUINT-TAT8888-1200 Datasheet
793Kb / 11P
CATV GaN Power Doubler MMIC
logo
Qorvo, Inc
TAT8888S1 QORVO-TAT8888S1 Datasheet
341Kb / 4P
CATV GaN Power Doubler Hybrid
More results

Similar Description - TAT8888_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
CATV GaN Power Doubler Hybrid
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
CATV GaN Power Doubler MMIC
logo
RF Micro Devices
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
CATV Doubler ??Hybrid RFIC
TAT8857A1H TRIQUINT-TAT8857A1H_15 Datasheet
776Kb / 12P
CATV Doubler ??Hybrid RFIC
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com