Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N42210M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N42210M
Description  Fiber Optic Mode Conditioning Patch Cable (ST-LC), 10M (33-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N42210M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N42210M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N42210M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fiber Optic Mode Conditioning Patch Cable (ST/LC),
10M (33-ft.)
MODEL NUMBER: N422-10M
Description
Tripp Lites Mode Conditioning Cables are designed for use in Gigabit Ethernet 1000BASE-LX applications. They are fully compliant with IEEE 802.3z
application standards. Mode Conditioning Cables are needed in applications where new high-speed Gigabit 1000BASE-LX routers and switches are being
deployed into existing multimode plants. The need for this patch cord is due to the single-mode launch nature of the -LX or long-wave (1300 nm) transceiver
modules used for Gigabit Ethernet. Launching a single-mode laser into the center of a multimode fiber can cause multiple signals to be generated that
confuses the receiver at the other end of the fiber. These multiple signals, caused by Differential Mode Delay (DMD) effects, severely limit the cable distance
lengths for operating Gigabit Ethernet. A mode conditioning patch cord eliminates these multiple signals by allowing the single-mode launch to be offset away
from the center of a multimode fiber.
Features
Use Singlemode Transceivers on Multimode Fiber Backbones
62.5/125 and 8.3/125
Offsets the Singlemode Laser launch from the center of a Multimode fiber
Available in a variety of connector combinations
Specifications
OVERVIEW
Cable Type
Mode Conditioning
INPUT
Cable Length (ft.)
33
Cable Length (m)
10
Highlights
10 Meter LC/ST Mode
Conditioning Cable
62.5/125 and 8.3/125
Run 1000Base-LX Gigabit
Ethernet over MMF by offsetting
signal loss
IEEE 802.3z Gigabit Ethernet
Compliant
Applications
Use when connecting a LX type
fiber transceiver ( Singlemode
light ) to a Multimode backbone
Package Includes
10 Meter LC/ST Mode
Conditioning Cable
1 / 2


Similar Part No. - N42210M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N422-01M TRIPPLITE-N422-01M Datasheet
168Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 1M (3-ft.)
N422-02M TRIPPLITE-N422-02M Datasheet
166Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 2M (6-ft.)
N422-03M TRIPPLITE-N422-03M Datasheet
167Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 3M (10-ft.)
N422-10M TRIPPLITE-N422-10M Datasheet
167Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 10M (33-ft.)
N42201M TRIPPLITE-N42201M Datasheet
494Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST-LC),1M (3-ft.)
More results

Similar Description - N42210M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N422-10M TRIPPLITE-N422-10M Datasheet
167Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 10M (33-ft.)
N422-01M TRIPPLITE-N422-01M Datasheet
168Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 1M (3-ft.)
N42201M TRIPPLITE-N42201M Datasheet
494Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST-LC),1M (3-ft.)
N422-02M TRIPPLITE-N422-02M Datasheet
166Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 2M (6-ft.)
N422-03M TRIPPLITE-N422-03M Datasheet
167Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 3M (10-ft.)
N42202M TRIPPLITE-N42202M Datasheet
488Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST-LC),2M (6-ft)
N42203M TRIPPLITE-N42203M Datasheet
491Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST-LC),3M (10-ft.)
N36810M TRIPPLITE-N36810M Datasheet
482Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 10M (33-ft.)
N518-10M TRIPPLITE-N518-10M Datasheet
156Kb / 2P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/ST), 10M (33-ft.)
N318-10M TRIPPLITE-N318-10M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 10M (33-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com