Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17904A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA17904A
Description  Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17904A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA17904A_15 Datasheet HTML 1Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 2Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 3Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 4Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 5Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 6Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 7Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 8Page - Renesas Technology Corp HA17904A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HA17904A Series
Rev.2.00 Mar 10, 2006 page 3 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
32
V
Output sink current
Iosink
50
mA
Common mode input voltage
VCM
−0.3 to +VCC
V
Differential input voltage
Vin(diff)
±VCC
V
Output voltage
Vout
−0.3 to +VCC
V
DIP
570 *
1
SOP
385 *
2
Allowable power dissipation
TSSOP
PT
192 *
3
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Notes: 1. HA17904APS:
This is the allowable values up to Ta = 50
°C. Derate by 8.3 mW/°C.
2. HA17904AFP/ARP:
These are the allowable values up to Ta = 25
°C mounting in air.
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.5 mmt with 30% wiring density, the
allowable value is 570 mW up to Ta = 45
°C. If Ta > 45°C, derate by 7.14 mW/°C.
3. HA17904AT:
These are the allowable values up to Ta = 25
°C. Derate by 1.92 mW/°C above that temperature.
Electrical Characteristics
(VCC = +15 V, Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
VIO
3
7
mV
VCM = 7.5V, RS = 50
Ω, Rf = 50kΩ
Input offset current
IIO
5
50
nA
VCM = 7.5V, IIO =
| II (+) – II (–) |
Input bias current
IIB
30
250
nA
VCM = 7.5V
Power source rejection ratio
PSRR
93
dB
RS = 1k
Ω, Rf = 100kΩ
Voltage gain
AVD
75
90
dB
RL =
∞, RS = 1kΩ, Rf = 100kΩ
Common mode rejection ratio
CMR
80
dB
RS = 50
Ω, Rf = 5kΩ
VCM (+)
13.5
V
RS = 1k
Ω, Rf = 100kΩ
Common mode input voltage range
VCM (–)
–0.3
V
RS = 1k
Ω, Rf = 100kΩ
Peak-to-peak output voltage
VOP-P
13.6
V
f = 100Hz, RL = 20k
Ω, RS = 1kΩ,
Rf = 100k
Output source current
Iosource
20
40
mA
VIN
+ = 1V, V
IN
= 0V, V
OH = 10V
10
20
mA
VIN
= 1V, V
IN
+ = 0V, V
OL = 2.5V
Output sink current
Iosink
15
50
µA
VIN
= 1V, V
IN
+ = 0V, Vout = 200mV
Supply current
ICC
0.8
2
mA
VIN = GND, RL =
Slew rate
SR
0.2
V/
µsRL = ∞, VCM = 7.5V, f = 1.5kHz
Channel separation *
1
CS
(120)
dB
f = 1kHz
Note:
1. Design spec.


Similar Part No. - HA17904A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17904AFP HITACHI-HA17904AFP Datasheet
46Kb / 9P
   Dual Operational Amplifier
logo
Renesas Technology Corp
HA17904AFP RENESAS-HA17904AFP Datasheet
102Kb / 8P
   Dual Operational Amplifier
HA17904APS RENESAS-HA17904APS Datasheet
102Kb / 8P
   Dual Operational Amplifier
HA17904ARP RENESAS-HA17904ARP Datasheet
102Kb / 8P
   Dual Operational Amplifier
HA17904AT RENESAS-HA17904AT Datasheet
102Kb / 8P
   Dual Operational Amplifier
More results

Similar Description - HA17904A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com