Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML483-PCB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # ML483-PCB
Description  0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ML483-PCB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  ML483-PCB Datasheet HTML 1Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 2Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 3Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 4Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 5Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 6Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 7Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ML483
0.
7 – 1.4 GHz High IP3 Mixer with Integrated LO Amp
Applications
• PCS / 3G Base station / Repeaters
• WCDMA / LTE
• ISM / Fixed Wireless
• HPA Feedback Paths
Product Features
• High Dynamic Range Mixer
• Integrated LO Driver
• +36
 dBm Input IP3
• 9 dB Conversion Loss
• RF: 700 – 1400
 MHz
• LO: 460 – 1640
 MHz
• IF: 70 – 300 MHz
• +5
 V Supply at 50 mA
• 0
 dBm Drive Level
• RoHS-compliant MSOP8 (14
 mm2)
ML483
8 Pin MSOP Package
Functional Block Diagram
1
2
3
4
8
7
6
5
LO
GND
GND
VCC
RF
GND
GND
IF
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
Ordering Information
Part No.
Description
ML483-G
0.7
 – 1.4 GHz Mixer w/ Integrated LO Amp
ML483-PCB Fully Assembled Evaluation Board
Standard T/R size = 1000 pieces on a 7” reel
Pin Configuration
Pin No.
Symbol
1
LO
2, 3, 6, 7
GND
4
Vcc
5
IF
8
RF
Backside Paddle
GND
General Description
The ML483 high linearity converter combines a passive
GaAs FET mixer with an integrated LO driver in an ultra-
small
lead-free/green/RoHS-compliant
MSOP-8
package. The double-balanced integrated IC operates
across a 0.7-1.4 GHz frequency range to achieve +36
dBm Input IP3 while drawing a very low 50mA current.
The ML483 can be used as an upconverter or
downconverter
in
a
low-side
or
high-side
LO
configuration.
The integrated LO buffer amplifier enables operation
directly from a synthesizer requiring only 0 dBm of drive
level. The dual-stage LO driver provides a stable input
power level into the mixer to allow for consistent
performance over a wide range of LO power levels. The
converter requires no external baluns and supports a
wide range of IF frequencies.
Typical
applications
include
frequency
up/down
conversion, modulation and demodulation for receivers
and transmitters in mobile infrastructure.
Due to the
wide frequency range of operation, the converter can
also be used for ISM and fixed wireless applications.
The
ML483
is
footprint
and
pin
compatible
with
TriQuint’s 1.6-3.2 GHz ML485 mixer for high band
applications.
Data Sheet Rev. E 08-29-14
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
More results

Similar Description - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
   1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
   1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
   1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com