Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML483-PCB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # ML483-PCB
Description  0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ML483-PCB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  ML483-PCB Datasheet HTML 1Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 2Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 3Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 4Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 5Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 6Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 7Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ML483
0.
7 – 1.4 GHz High IP3 Mixer with Integrated LO Amp
Down Conversion Application Circuit: ML483-PCB
U1
J5
J4
LO Port
J3
J2
J4
Vcc=+5V
U1
ML485
4
3
2
1
5
6
7
8
C1
0.01uF
RF Input
J1
IF Port
Pin Configuration and Description
1
2
3
4
8
7
6
5
LO
GND
GND
VCC
RF
GND
GND
IF
Backside Paddle - RF/DC GND
Pin 1 Reference Mark
Pin No.
Symbol
Description
1
LO
Local Oscillator Injection. Internally DC Blocked
2, 3, 6, 7
GND
RF/DC Ground
4
Vcc
Supply voltage. An external bypass capacitor should be used near this pin.
5
IF
Intermediate Frequency
8
RF
Radio Frequency
Backside
Paddle
GND
RF/DC Ground. Follow recommended via pattern and ensure good solder attach for best
thermal and electrical performance.
Evaluation Board PCB Information
TriQuint PCB 1069129 Material and Stack-up
1 oz. Cu bottom layer
Nelco N-4000-13
Core
Nelco N-4000-13
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.062" ± 0.006"
Finished Board
Thickness
0.014"
0.014"
50 ohm line dimensions: width = 0.026”, spacing = 0.025”
U1
ML483
Data Sheet Rev. E 08-29-14
- 6 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
More results

Similar Description - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
   1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
   1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
   1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
   1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
   0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com