Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML483-PCB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # ML483-PCB
Description  0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ML483-PCB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  ML483-PCB Datasheet HTML 1Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 2Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 3Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 4Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 5Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 6Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 7Page - TriQuint Semiconductor ML483-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ML483
0.
7 – 1.4 GHz High IP3 Mixer with Integrated LO Amp
Performance Plots
Test conditions unless otherwise noted:
VCC =+5
 V, Temp=+25 °C, 50 Ω system.
4
6
8
10
12
14
16
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Conversion Loss vs RF Freq. vs Temp.
+85 °C
+25 °C
-40 °C
LO=0dBm, IF=70MHz, low-side LO
4
6
8
10
12
14
16
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Conversion Loss vs RF Freq. vs Temp.
+85 °C
+25 °C
-40 °C
LO=0dBm, IF=140MHz, low-side LO
4
6
8
10
12
14
16
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Conversion Loss vs RF Freq. vs Temp.
+85 °C
+25 °C
-40 °C
LO=0dBm, IF=240MHz, low-side LO
4
6
8
10
12
14
16
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Conversion Loss vs RF Freq. vs LO Power
+4 dBm
0 dBm
-4 dBm
+25oC, IF=70MHz, low-side LO
4
6
8
10
12
14
16
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Conversion Loss vs RF Freq. vs LO Power
+4 dBm
0 dBm
-4 dBm
+25oC, IF=140 MHz, low-side LO
4
6
8
10
12
14
16
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Conversion Loss vs RF Freq. vs LO Power
+4 dBm
0 dBm
-4 dBm
+25oC, IF=240 MHz, low-side LO
32
34
36
38
40
42
44
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Input IP3 vs RF Freq. vs Temp.
+85°C
+25°C
-40°C
LO=0dBm, IF=70 MHz, low-side LO
30
35
40
45
50
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Input IP3 vs RF Freq. vs Temp.
+85°C
+25°C
-40°C
LO=0dBm, IF=120 MHz, low-side LO
30
35
40
45
50
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Input IP3 vs RF Freq. vs Temp.
+85°C
+25°C
-40°C
LO=0dBm, IF=160 MHz, low-side LO
30
35
40
45
50
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Input IP3 vs RF Freq. vs LO Power
+4 dBm
0 dBm
-4 dBm
+25 C, IF=70 MHz, low-side LO
30
35
40
45
50
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Input IP3 vs RF Freq. vs LO Power
+4 dBm
0 dBm
-4 dBm
+25 C, IF=120 MHz, low-side LO
30
35
40
45
50
700
800
900
1000
1100
1200
1300
1400
RF Frequency (MHz)
Input IP3 vs RF Freq. vs LO Power
+4 dBm
0 dBm
-4 dBm
+25 C, IF=160 MHz, low-side LO
Data Sheet Rev. E 08-29-14
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
ML483-PCB TRIQUINT-ML483-PCB Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
More results

Similar Description - ML483-PCB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML485 WJCI-ML485 Datasheet
284Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
TriQuint Semiconductor
ML485 TRIQUINT-ML485 Datasheet
299Kb / 4P
1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
ML485-G TRIQUINT-ML485-G_15 Datasheet
459Kb / 9P
1.5-3.2 GHz High IP3 Mixer with Integrated LO Amp
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
logo
BeRex Corporation
BM831 BEREX-BM831_18 Datasheet
1Mb / 16P
0.7~1.4GHz High IIP3 GaAs MMIC Mixer with Integrated LO AMP
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com