Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3007-SMA Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3007-SMA
Description  430 MHz Lowpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3007-SMA Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3007-SMA Datasheet HTML 1Page - KR Electronics, Inc. 3007-SMA Datasheet HTML 2Page - KR Electronics, Inc. 3007-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2011, KR Electronics, Inc.
3007-SMA, Rev 0, February 1, 2011
Effective Passband Amplitude & Group Delay
(0.5 dB/div & 1nsec/div)
KR Electronics
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Similar Part No. - 3007-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
logo
VBsemi Electronics Co.,...
3007 VBSEMI-3007 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Heyco.
3007 HEYCO-3007 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Anaren Microwave
30070 ANAREN-30070 Datasheet
592Kb / 3P
Hybrid Couplers
logo
Molex Electronics Ltd.
30070 MOLEX2-30070 Datasheet
875Kb / 2P
Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
More results

Similar Description - 3007-SMA

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3281 KR-3281 Datasheet
69Kb / 3P
2750 MHz Lowpass Filter
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
201 MHz Lowpass Filter
3255-805-LP KR-3255-805-LP Datasheet
91Kb / 3P
805 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com