Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3007 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3007
Description  430 MHz Lowpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3007 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3007 Datasheet HTML 1Page - KR Electronics, Inc. 3007 Datasheet HTML 2Page - KR Electronics, Inc. 3007 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2011, KR Electronics, Inc.
3007+, Rev 0, February 1, 2011
KR Electronics 3007+
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package, metal cover
2.
Dimensions in inches
3.
Max reflow temperature 209° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried
5.
Also available in metal case with SMA connectors
Parameter
Specification
Notes
Filter type
Lowpass
End of Passband
430 MHz
Effective Passband Ripple 270 MHz to 430 MHz
0.5 dB max
With Sin(x)/x correction for 979 MHz
sampling frequency
Insertion Loss at 0.1 MHz
7 dB max
Source and Load
50
Rejection at 549 MHz (Ref 430 MHz)
20 dB min


Similar Part No. - 3007

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3007 VBSEMI-3007 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Heyco.
3007 HEYCO-3007 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
KR Electronics, Inc.
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
   430 MHz Lowpass Filter
logo
Anaren Microwave
30070 ANAREN-30070 Datasheet
592Kb / 3P
   Hybrid Couplers
logo
Molex Electronics Ltd.
30070 MOLEX2-30070 Datasheet
875Kb / 2P
   Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
More results

Similar Description - 3007

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
   430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
   30 MHz Lowpass Filter
2403-S KR-2403-S Datasheet
42Kb / 3P
   60 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
   2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
   201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
   1 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
   615 MHz Lowpass Filter
3281 KR-3281 Datasheet
69Kb / 3P
   2750 MHz Lowpass Filter
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
   201 MHz Lowpass Filter
3255-805-LP KR-3255-805-LP Datasheet
91Kb / 3P
   805 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com