Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PH40KD Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4PH40KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.47V, @Vge=15V, Ic=15A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH40KD Datasheet(HTML) 2 Page - International Rectifier

  IRG4PH40KD Datasheet HTML 1Page - International Rectifier IRG4PH40KD Datasheet HTML 2Page - International Rectifier IRG4PH40KD Datasheet HTML 3Page - International Rectifier IRG4PH40KD Datasheet HTML 4Page - International Rectifier IRG4PH40KD Datasheet HTML 5Page - International Rectifier IRG4PH40KD Datasheet HTML 6Page - International Rectifier IRG4PH40KD Datasheet HTML 7Page - International Rectifier IRG4PH40KD Datasheet HTML 8Page - International Rectifier IRG4PH40KD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PH40KD
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
94
140
IC = 15A
Qge
Gate - Emitter Charge (turn-on)
14
22
nC
VCC = 400V
See Fig.8
Qgc
Gate - Collector Charge (turn-on)
37
55
VGE = 15V
td(on)
Turn-On Delay Time
50
tr
Rise Time
31
TJ = 25°C
td(off)
Turn-Off Delay Time
96
140
IC = 15A, VCC = 800V
tf
Fall Time
220
330
VGE = 15V, RG = 10
Eon
Turn-On Switching Loss
1.31
Energy losses include "tail"
Eoff
Turn-Off Switching Loss
1.12
mJ
and diode reverse recovery
Ets
Total Switching Loss
2.43
2.8
See Fig. 9,10,18
tsc
Short Circuit Withstand Time
10
——
µs
VCC = 720V, TJ = 125°C
VGE = 15V, RG = 10
Ω , VCPK < 500V
td(on)
Turn-On Delay Time
49
TJ = 150°C,
See Fig. 10,11,18
tr
Rise Time
33
IC = 15A, VCC = 800V
td(off)
Turn-Off Delay Time
290
VGE = 15V, RG = 10
Ω,
tf
Fall Time
440
Energy losses include "tail"
Ets
Total Switching Loss
5.1
mJ
and diode reverse recovery
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
1600
VGE = 0V
Coes
Output Capacitance
77
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
26
—ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
63
95
ns
TJ = 25°C
See Fig.
106
160
TJ = 125°C
14
IF = 8.0A
Irr
Diode Peak Reverse Recovery Current
4.5
8.0
A
TJ = 25°C
See Fig.
6.2
11
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
140
380
nC
TJ = 25°C
See Fig.
335
880
TJ = 125°C
16
di/dt = 200Aµs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
133
A/µs
TJ = 25°C
See Fig.
During tb
85
TJ = 125°C
17
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
ns
ns
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
S 1200 ——
VVGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.37
V/°CVGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
2.74
3.4
IC = 15A
VGE = 15V
3.29
VIC = 30A
See Fig. 2, 5
2.53
IC = 15A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-3.3
mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
T
8.0
12
SVCE = 100V, IC = 15A
ICES
Zero Gate Voltage Collector Current
——
250
µA
VGE = 0V, VCE = 1200V
——
3000
VGE = 0V, VCE = 1200V, TJ = 150°C
VFM
Diode Forward Voltage Drop
2.6
3.3
V
IC = 8.0A
See Fig. 13
2.4
3.1
IC = 8.0A, TJ = 125°C
IGES
Gate-to-Emitter Leakage Current
——
±100
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - IRG4PH40KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH40KD IRF-IRG4PH40KD Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
IRG4PH40KDPBF IRF-IRG4PH40KDPBF Datasheet
753Kb / 11P
INSUALATED GATE BIPOLAR TRANSISTOR WITH YLTRAFAST SOFT RECOVERY DIODE
IRG4PH40KDPBF IRF-IRG4PH40KDPBF Datasheet
754Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40KDPBF IRF-IRG4PH40KDPBF_15 Datasheet
754Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PH40KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PSH71KD IRF-IRG4PSH71KD Datasheet
200Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PH40K IRF-IRG4PH40K Datasheet
157Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.74V, @Vge=15V, Ic=15A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH50UD IRF-IRG4PH50UD Datasheet
229Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PH30KD IRF-IRG4PH30KD Datasheet
212Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
IRG4PH20KD IRF-IRG4PH20KD Datasheet
276Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4PH50KD IRF-IRG4PH50KD Datasheet
224Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.77V, @Vge=15V, Ic=24A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com