Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1905A-1 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 1905A-1
Description  Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

1905A-1 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  1905A-1 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bandpass
Filter
KR 1905A-1
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900
1 dB/div
10.68 KHz
15.18 KHz
1 KHz
100 KHz
10 dB/DIV
KR Part Number
1905A-1
Filter Type
Bandpass
Insertion Loss
< 6.6 dB
Lower / Upper Passband Frequencies
11.314 KHz / 14.546 KHz
Passband Loss
< 1 dB
Lower / Upper Stopband Frequencies
6.93 KHz / 18.93 KHz
Stopband Attenuation
> 40 dB
Source Impedance
100
Load Impedance
1000
Specifications
Terminals 0.03” diameter
Metal Case
Studs 4-40 UNC-2A (2 Plcs)
Passband Amplitude
Overall Amplitude
Outline Drawing


Similar Part No. - 1905A-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
1905A-2 KR-1905A-2 Datasheet
20Kb / 1P
Bandpass Filter
1905A-4 KR-1905A-4 Datasheet
21Kb / 1P
Bandpass Filter
1905A-6 KR-1905A-6 Datasheet
21Kb / 1P
Bandpass Filter
More results

Similar Description - 1905A-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
Bandpass Filter
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
BANDPASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com