Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-3014HD1A Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-3014HD1A
Description  3mm round type led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-3014HD1A Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-3014HD1A_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014HD1A_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014HD1A_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014HD1A_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014HD1A_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model. No.
FYL-3014HD1A
Rev.
A
Http://www.foryard.com
Absolute maximum ratings(Ta=25с)
Parameter
MAX.
Unit
Power Dissipation
75
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
Continuous Forward Current
30
mA
Derating Linear From 50℃
0.4
mA/
Reverse Voltage
5
V
Operating Temperature Range
-40℃ to +85℃
Storage Temperature Range
-40℃ to +100℃
Lead Soldering Temperature[4mm(.157”) From Body]
260℃ for 5 Seconds
Electrical and optical characteristics(Ta=25с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
--
10
--
mcd
IF=20mA
Viewing Angle
1/2
--
40
--
Deg
Peak Emission Wavelength
λp
--
700
--
nm
Dominant Wavelength
λd
--
660
--
nm
Spectral Line Half-Width
△λ
--
100
--
nm
Forward Voltage
VF
1.8
2.1
2.6
V
Reverse Current
IR
10
A
VR=5V


Similar Part No. - FYL-3014HD1A_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3014HD1A FORYARD-FYL-3014HD1A Datasheet
147Kb / 3P
   LED LAMP
More results

Similar Description - FYL-3014HD1A_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3004GD1L FORYARD-FYL-3004GD1L Datasheet
276Kb / 5P
   3mm round type led
FYL-3012UBC1A FORYARD-FYL-3012UBC1A_15 Datasheet
285Kb / 5P
   3mm round type led
FYL-3014LRD1A FORYARD-FYL-3014LRD1A_15 Datasheet
276Kb / 5P
   3mm round type led
FYL-3014LRW1Z FORYARD-FYL-3014LRW1Z Datasheet
277Kb / 5P
   3mm round type led
FYL-3019SGW1A-CA FORYARD-FYL-3019SGW1A-CA Datasheet
286Kb / 5P
   3mm round type led
FYL-3014PURC1A FORYARD-FYL-3014PURC1A Datasheet
276Kb / 5P
   3mm round type led
FYL-3017RGW1A FORYARD-FYL-3017RGW1A Datasheet
285Kb / 5P
   3mm round type led
FYL-3004ED1D FORYARD-FYL-3004ED1D Datasheet
277Kb / 5P
   3mm round type led
FYL-3004ED1L FORYARD-FYL-3004ED1L Datasheet
276Kb / 5P
   3mm round type led
FYL-3004LRD1L FORYARD-FYL-3004LRD1L Datasheet
276Kb / 5P
   3mm round type led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com