Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B123001 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B123001
Description  HDMI Signal Booster-Extender Cable, 1920x1200 at 24Hz-1080p (HDMI M-F), 1-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B123001 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B123001 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B123001 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HDMI Signal Booster/Extender Cable, 1920x1200 at
24Hz/1080p (HDMI M/F), 1-ft.
MODEL NUMBER: B123-001
Description
Tripp Lite's B123-001 HDMI Signal Extender increases the distance a 1080p @ 24Hz (or 1920 x 1200) signal can
be transmitted beyond the recommended 16 ft. (5 m.). It supports computer video resolutions up to 1920 x 1200,
and HD resolutions up to 1080p @ 24Hz, at a maximum distance of 150 ft. from the source. Use P568-Series
HDMI cables in most applications. When extending a 1080p @ 24Hz (or 1920 x 1200) signal more than 75 ft.,
use cable made with 24Awg wiring, such as the P568-100-HD. (Lengths over 100 ft. are available from Tripp Lite
as a custom order) 24Awg HDMI cable is also needed when extending a 3D signal more than 50 ft.. A 3D signal
can be extended up to 125 ft. using 24Awg HDMI cable. Simply connect the longer cable between the source
and the B123-001, and then connect the built-in cable to the monitor. Software or drivers are not required. HDCP
compliant. Compatible with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Features
Extend a 1080p @ 24Hz (or 1920 x 1200) HDMI signal up to 150 ft. from the source
Use P568-Series HDMI cables in most applications
When extending a 1080p @ 24Hz (or 1920 x 1200) signal more than 75 ft., use cable made with 24Awg wiring, such as the P568-100-HD. (Lengths over
100 ft. are available from Tripp Lite as a custom order)
24Awg HDMI cable is also needed when extending a 3D signal more than 50 ft.. A 3D signal can be extended up to 125 ft. using 24Awg HDMI cable
Supports DTS-HD, Dolby True HD and 7.1 Channel Surround Sound Audio
HDCP compliant
No software or drivers required
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
Highlights
Extend a 1080p @ 24Hz (or 1920
x 1200) HDMI signal up to 150 ft.
from the source
When extending a 1080p @
24Hz (or 1920 x 1200) signal
more than 75 ft., use cable made
with 24Awg wiring, such as the
P568-100-HD
24Awg HDMI cable is also
needed when extending a 3D
signal more than 50 ft.. A 3D
signal can be extended up to 125
ft. using 24Awg HDMI cable
Supports DTS-HD, Dolby True
HD and 7.1 Channel Surround
Sound Audio
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Applications
When an HDTV display is located
a long distance from the video
source.
Package Includes
HDMI Active Extender Cable,
M/F, 1 ft.
1 / 2


Similar Part No. - B123001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B12300160 TRIPPLITE-B12300160 Datasheet
497Kb / 2P
HDMI Signal Booster-Extender Cable, 1920x1200 at 60Hz-1080p (HDMI M-F), 1-ft
More results

Similar Description - B123001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B12300160 TRIPPLITE-B12300160 Datasheet
497Kb / 2P
HDMI Signal Booster-Extender Cable, 1920x1200 at 60Hz-1080p (HDMI M-F), 1-ft
B122000 TRIPPLITE-B122000 Datasheet
501Kb / 2P
HDMI In-Line Signal Booster-Extender, 1920x1200 at 24Hz-1080p (HDMI F-F)
B123-001 TRIPPLITE-B123-001 Datasheet
165Kb / 3P
HDMI Signal Booster/Extender Cable (1-ft.), 1920x1200 at 24Hz/1080p (HDMI M/F), Up to 150-ft., TAA
B123-001-60 TRIPPLITE-B123-001-60 Datasheet
165Kb / 3P
HDMI Signal Booster/Extender Cable (1-ft.), 1920x1200 at 60Hz/1080p (HDMI M/F), Up to 125-ft., TAA
B12200060 TRIPPLITE-B12200060 Datasheet
517Kb / 2P
HDMI In-Line Signal Booster-Extender, 1920x1200 at 60Hz/1080p (HDMI F-F)
B125150 TRIPPLITE-B125150 Datasheet
498Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver for Video and Audio,1920x1200 1080p at 24Hz (HDMI M-F)
P136000 TRIPPLITE-P136000 Datasheet
469Kb / 2P
DisplayPort to HDMI Converter, 1920x1200-1080p (M-F) 6-in
P136-000-1 TRIPPLITE-P136-000-1 Datasheet
168Kb / 2P
DisplayPort to HDMI Converter Video Adapter, 1920x1200/1080p (M/F)
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
B118002 TRIPPLITE-B118002 Datasheet
493Kb / 2P
2-Port HDMI Splitter for Video with Audio 1920x1200 at 60Hz-1080p (HDMI F-2xF)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com