Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMG3401 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG3401
Description  P-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG3401 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG3401_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG3401_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG3401_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG3401_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=55 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
-30
-0.7
100
-1
-5
50
4.2A
9.4
2
3
4
15
_
_
6.3
3.2
38.2
12
VDS=-15V
6
L
3.6
954
115
77
1
f=1.0MHz
Ω
_
Gate Resistance
Rg
Ω
6
_
f=1.0MHz
±
V
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=- 5V
VGS=-10V
RG=
R =
Ω
ID=- A
VDS=- V
VGS=-4.5V
VGS=-10V, ID=-
VGS=0V, ID=-250uA
VGS= 12
24
V
±
VDS=- V,VGS=0
VDS=-24V,VGS=0
VDS=VGS, ID=-250uA
_
_
Source-Drain Diode
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
2
_
_
_
-1 3
.
2
2
o
C
o
C
o
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
VSD
_
_
IS=-1.0
-1.0
-4
20.2
11.2
A, VGS=0V.
V
Reverse Recovery Charge
dl/dt=100A/uS
Is=
A, VGS=0
Reverse Recovery Time
Qrr
Trr
_
_
_
_
nS
nC
2
2
Continuous Source Current (Body Diode)
IS
_
_
VD=VG=0V,VS=-1.0V
-2.2
A
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Notes: 1.Pulse width limited by Max. junction temperature.
2.Pulse width 300us, dutycycle 2%.
3.Surface mounted on 1 in 2
copper pad of FR4 board; 270
when mounted on min. copper pad.
°
C/W
01-Jun-2002 Rev. A
Page
2 of 4
Elektronische Bauelemente
SMG3401
-4.2A, -30V,RDS(ON) 50m
P-Channel Enhancement Mode Power Mos.FET
Ω
65
4 0
VGS=-4.5V, ID=- . A
_
_
120
1 0
VGS=-2.5V, ID=- . A
_
_


Similar Part No. - SMG3401_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG3401-C SECOS-SMG3401-C Datasheet
302Kb / 4P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - SMG3401_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4953 SECOS-SSG4953 Datasheet
540Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com