Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMG3401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG3401
Description  P-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG3401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG3401_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG3401_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG3401_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG3401_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMG3401
-4.2A, -30V,RDS(ON) 50m
P-Channel Enhancement Mode Power Mos.FET
Ω
Description
The SMG3401 is universally used for all
commercial-industrial applications.
efficient and cost-effectiveness device.
to provide excellent on-resistance extremely
The SMG3401 uses advanced trench technology
Features
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Continuous Drain Current
Pulsed Drain Current
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient 3
A
V
V
A
A
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
-30
±12
30
-4.2
-3.5
1.38
0.01
-55~+150
90
Dim
Min
Max
A
2.70
3.10
B
1.40
1.60
C
1.00
1.30
D
0.35
0.50
G
1.70
2.10
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
0.85
1.15
S
2.40
2.80
All Dimension in mm
SC-59
3
3
1,2
o
o
C
o
C
o
C
o
o
Max.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
Gate
Source
Drain
D
G
S
* Small Package Outline
* Lower Gate Charge
01-Jun-2002 Rev. A
Page 1 of
4
* RoHS Compliant
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SMG3401_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG3401-C SECOS-SMG3401-C Datasheet
302Kb / 4P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - SMG3401_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
   P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG4953 SECOS-SSG4953 Datasheet
540Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com