Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ181(L) Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SJ181(L)
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ181(L) Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SJ181(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SJ181(L), 2SJ181(S)
Preliminary
R07DS0395EJ0300 Rev.3.00
Page 6 of 6
May 16, 2011
Package Dimensions
• 2SJ181(L)
6.5 ± 0.5
2.3 ± 0.2
0.55 ± 0.1
1.2 ± 0.3
0.55 ± 0.1
5.4 ± 0.5
1.15 ± 0.1
2.29 ± 0.5
2.29 ± 0.5
0.8 ± 0.1
Previous Code
PRSS0004ZD-A
DPAK(L)-(1) / DPAK(L)-(1)V
MASS[Typ.]
0.42g
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
DPAK(L)-(1)
• 2SJ181(S)
6.5 ± 0.3
5.6 ± 0.5
2.3 ± 0.2
0.55 ± 0.1
0 – 0.25
0.55 ± 0.1
(1.2)
0.8 ± 0.1
2.29 ± 0.5
2.29 ± 0.5
(5.1)
1.0 Max.
Previous Code
PRSS0004ZD-C
DPAK(S) / DPAK(S)V
MASS[Typ.]
0.28g
SC-63
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
DPAK(S)
Ordering Information
Orderable Part Number
Quantity
Shipping Container
2SJ181L-E
2160 pcs
Box (Tube)
2SJ181STR-E
3000 pcs
Taping


Similar Part No. - 2SJ181(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ181 HITACHI-2SJ181 Datasheet
46Kb / 10P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181 RENESAS-2SJ181 Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ181L HITACHI-2SJ181L Datasheet
46Kb / 10P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181L RENESAS-2SJ181L Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ181L-E RENESAS-2SJ181L-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ181(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com