Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ181(L) Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SJ181(L)
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ181(L) Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SJ181(L)_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ181(L)_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SJ181(L), 2SJ181(S)
Preliminary
R07DS0395EJ0300 Rev.3.00
Page 5 of 6
May 16, 2011
–1.0
0
–0.2
–0.4
–0.6
–0.8
0
Source to Drain Voltage
VSD
(V)
Reverse Drain Current vs.
Source to Drain Voltage
–0.2
–0.4
–0.6
–0.8
–1.0
Pulse Test
VGS = 10 V
0, 5 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 6.25°C/W, Tc = 25°C
Vin Monitor
D.U.T.
Vin
–10 V
RL
Vout
Monitor
50
Ω
VDD
= –30 V


Similar Part No. - 2SJ181(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ181 HITACHI-2SJ181 Datasheet
46Kb / 10P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181 RENESAS-2SJ181 Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ181L HITACHI-2SJ181L Datasheet
46Kb / 10P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181L RENESAS-2SJ181L Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ181L-E RENESAS-2SJ181L-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ181(L)_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com