Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P566012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P566012
Description  HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P566012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P566012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P566012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HDMI to DVI Cable, Digital Monitor Adapter Cable
(HDMI to DVI-D M/M), 12-ft.
MODEL NUMBER: P566-012
Description
Tripp Lite's 12ft DVI - HDMI ( High Definition Multimedia Interface ) cable allows interconnection between digital display devices, such as DTV's ( Digital
Television ), Plasma displays, LCD TV's, and projectors, to Digital source devices, such as Digital Set-Top boxes, DVD/DVD-R players, and AV receivers.
HDMI DTV's will display video received from existing DVI-equipped products, and DVI-equipped TVs will display video from HDMI sources. HDMI technology
uses a much more compact and user-friendly connector than the existing DVI connector. The HDMI specification handles higher-bandwidth, uncompressed
video, and multi-channel digital audio, all in one neat cable solution. (DVI-HDMI cable supports digital video only).
Features
12ft DVI to HDMI Adapter Cable
Creates a pure digital connection between a DVI-enabled computer and a HDMI-enabled display or TV
Gold plated connectors provide optimal signal transfer
Premium Double-Shielded HDMI compliant cable protects against outside noise (EMI/RFI)
Impedance matched twisted pair construction reduces cross-talk and interference
Specifications
OVERVIEW
Chromebook Compatible
Yes
Style
HDMI
Display Style
Cable
Model Type
DVI
Cable Types
HDMI
INPUT
Highlights
Premium Double Shielded Digital
Video Cable
Gold plated connectors provide
low-loss
Bandwidth up to 5Gbps
DVI - HDMI, 12ft
Package Includes
12-ft. HDMI to DVI Gold Digital
Video Cable (HDMI-M / DVI-M)
1 / 2


Similar Part No. - P566012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P566010 TRIPPLITE-P566010 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 10-ft
More results

Similar Description - P566012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P566-012 TRIPPLITE-P566-012 Datasheet
165Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 1080P, 12-ft.
P566006 TRIPPLITE-P566006 Datasheet
500Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 6-ft
P566010 TRIPPLITE-P566010 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 10-ft
P566030 TRIPPLITE-P566030 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 30-ft
P566003 TRIPPLITE-P566003 Datasheet
499Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 3-ft
P566050 TRIPPLITE-P566050 Datasheet
498Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 50-ft
P566-010 TRIPPLITE-P566-010 Datasheet
165Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 1080P, 10-ft.
P566-020 TRIPPLITE-P566-020 Datasheet
163Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 1080P, 20-ft.
P566-003 TRIPPLITE-P566-003 Datasheet
165Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 1080P, 3-ft.
P566-006 TRIPPLITE-P566-006 Datasheet
165Kb / 2P
HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 1080P, 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com