Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2520ACH Datasheet(PDF) 1 Page - TOKO, Inc

Part # MDT2520ACH
Description  Miniature size: 2520 footprint
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

MDT2520ACH Datasheet(HTML) 1 Page - TOKO, Inc

  MDT2520ACH Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MDT2520ACH
(Unit: mm)
(Unit: mm)
FEATURES
特長
 Miniature size: 2520 footprint (2.5mm×2.0mm) and low
profile(1.0mm Max. Height)
 L shape terminals
 Magnetically shielded
 Ideal for a variety of DC-DC converter Inductor application
(DVC,DSC,Cellular phone,PDA)
 Operating temperature:-40~+85°C
 RoHS compliant
 小型薄型形状(2.5mm×2.0mm、高さ1.0mm Max.)
 L字電極
 閉磁路構造
 各種機器のDC-DCコンバータ用インダクタに最適
(DVC,DSC,Cellular phone,PDA)
 動作温度範囲:-40~+85°C
 RoHS指令対応
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE MDT2520ACH ,(Quantity/reel; 3,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)at 1MHz
Tolerance
(%)
DC
Resistance
(2)
(m
) ±30%
Temperature
Rise Current
(3)
T=40C (A) Max.
MDT2520ACH1R0M
1.0
±20
95
1.90
MDT2520ACH1R5M
1.5
±20
140
1.70
MDT2520ACH2R2M
2.2
±20
160
1.60
(1) Inductance is measured with a |Z| Analyzer 4291A/ B (Agilent
Technologies) or equivalent.
Test frequency at 1MHz, 0.5V
(2) DC Resistance is measured with a milliohmmeter 4338B (Agilent
Technologies) or equivalent.
(3) Maximum allowable DC current is that causes coil temperature to
rise by 40
C . (The ambient reference temperature:20C)
(1) インダクタンスはインピーダンスアナライザ4291A/ B(Agilent
Technologies)または同等品により測定する。 1MHz, 0.5V
(2) 直流抵抗はミリオームメータ4338B
(Agilent Technologies)
または同等品により測定する。
(3) 最大許容電流は直流を流した時の温度上昇が40
Cに達する電流
値。(周囲温度:20
C)
EXAMPLES OF CHARACTERISTICS
代表特性例
Inductance vs Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
Frequency [MHz]
1R0
1R5
2R2
In du ctan ce vs DC Cu rren t
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
0
0 .5
1
1 .5
2
DC Curren t [A]
1R0
1R5
2R2
Recommended patterns
推奨パターン図
Multilayer Power Inductors
積層パワーインダクタ


Similar Part No. - MDT2520ACH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
Magnetically shielded
More results

Similar Description - MDT2520ACH

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HS-391TJLC COILCRAFT-1008HS-391TJLC Datasheet
88Kb / 2P
Chip Inductors - 1008HS (2520)
1008LS-393XJLB COILCRAFT-1008LS-393XJLB Datasheet
100Kb / 2P
Chip Inductors - 1008LS (2520)
logo
List of Unclassifed Man...
SLB1470 ETC2-SLB1470 Datasheet
577Kb / 9P
Miniature compact size.
logo
TOKO, Inc
MDT2012-CH TOKO-MDT2012-CH Datasheet
224Kb / 1P
Miniature size: 2012 footprint
MDT2012-CLR TOKO-MDT2012-CLR Datasheet
126Kb / 1P
Miniature size: 2012 footprint
MDT2016-CA TOKO-MDT2016-CA Datasheet
196Kb / 1P
Miniature size: 2016 footprint
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
Ultra miniature size
logo
Golledge Electronics Lt...
MS3V-T1R GOLLEDGE-MS3V-T1R Datasheet
561Kb / 5P
SM Crystal with Ultra-miniature Footprint
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
Miniature 0603 size
DB0805A2017ASTR AVX-DB0805A2017ASTR Datasheet
71Kb / 3P
Miniature 0805 size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com