Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810ARGZR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810ARGZR
Description  Single 1.8 V Supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810ARGZR Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCL1810ARGZR Datasheet HTML 11Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 12Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 13Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 14Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 15Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 16Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 17Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 18Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CDCL1810A
www.ti.com
SLLSEL1 – NOVEMBER 2014
9.6 Register Maps
9.6.1 SDA/SCL Bus Configuration Command Bitmap
9.6.1.1 Byte 0:
POWER UP
REFERENCE
BIT
BIT NAME
DESCRIPTION/FUNCTION
TYPE
CONDITION
TO
7
MANF[7]
Manufacturer reserved
R
6
MANF[6]
Manufacturer reserved
R
5
REV[2]
Device revision
R
1
4
REV[1]
Device revision
R
0
3
REV[0]
Device revision
R
0
2
MANF[2]
Manufacturer reserved
R
1
MANF[1]
Manufacturer reserved
R
0
MANF[0]
Manufacturer reserved
R
9.6.1.2 Byte 1:
POWER UP
REFERENCE
BIT
BIT NAME
DESCRIPTION/FUNCTION
TYPE
CONDITION
TO
7
RES
Reserved
R/W
0
6
RES
Reserved
R/W
0
5
RES
Reserved
R/W
1
4
RES
Reserved
R/W
0
3
RES
Reserved
R/W
0
2
RES
Reserved
R/W
0
1
RES
Reserved
R/W
0
0
RES
Reserved
R/W
0
9.6.1.3 Byte 2:
POWER UP
REFERENCE
BIT
BIT NAME
DESCRIPTION/FUNCTION
TYPE
CONDITION
TO
7
RES
Reserved
R/W
0
6
RES
Reserved
R/W
0
5
ENP1
Post-divider P1 enable; if 0 output YP[9:5] and YN[9:5] are
R/W
1
disabled
4
RES
Reserved
R/W
1
3
SELP1[3]
Divide ratio select for post-divider P1
R/W
0
Table 11
2
SELP1[2]
Divide ratio select for post-divider P1
R/W
0
Table 11
1
SELP1[1]
Divide ratio select for post-divider P1
R/W
0
Table 11
0
SELP1[0]
Divide ratio select for post-divider P1
R/W
0
Table 11
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: CDCL1810A


Similar Part No. - CDCL1810ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZR TI1-CDCL1810RGZR Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810ARGZR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
Single Supply V.35 Transceiver
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 36P
Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
logo
Texas Instruments
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com