Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810ARGZR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810ARGZR
Description  Single 1.8 V Supply
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810ARGZR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCL1810ARGZR Datasheet HTML 9Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 10Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 11Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 12Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 13Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 14Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 15Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 16Page - Texas Instruments CDCL1810ARGZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
CDCL1810A
www.ti.com
SLLSEL1 – NOVEMBER 2014
9.4 Device Functional Modes
The device is designed to operate from an input voltage supply of 1.8 V. In the default power on reset, all device
outputs are enabled and the dividers P0 and P1 are set to 1.
9.5 Programming
9.5.1 SDA/SCL Interface
This section describes the SDA/SCL interface of the DCDL1810A device. The CDCL1810A operates as a slave
device of the industry standard 2-pin SDA/SCL bus. It operates in the fast-mode at a bit-rate of up to 400 kb/s
and supports 7-bit addressing compatible with the popular 2-pin serial interface standard. The device address is
made up of the fixed internal address, 11010 (A6:A2), and configurable external pins ADD1 (A1) and ADD0 (A0).
Four different devices with addresses 1101000, 1101001, 1101010, and 1101011, can be addressed via the
same SDA/SCL bus interface. The least significant bit of the address byte designates a write or read operation.
R/W bit:
0 = write to CDCL1810 device.
1 = read from CDCL1810 device.
9.5.2 Command Code Definition
Table 3. Command Code Definition
BIT
DESCRIPTION
C7
1 = Byte Write / Read or Word Write / Read operation
(C6:C0)
Byte Offset for Byte Write / Read and Word Write / Read operation.
Table 4. SDA/SCL Bus Slave Device Address
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
ADD1
ADD0
0/1
Table 5. Command Code for Byte Write / Read Operation
HEX CODE
C7
C6
C5
C4
C3
C2
C1
C0
byte 0
80h
1
0
0
0
0
0
0
0
byte 1
81h
1
0
0
0
0
0
0
1
byte 2
82h
1
0
0
0
0
0
1
0
byte 3
83h
1
0
0
0
0
0
1
1
byte 4
84h
1
0
0
0
0
1
0
0
byte 5
85h
1
0
0
0
0
1
0
1
byte 6
86h
1
0
0
0
0
1
1
0
Table 6. Command Code for Word Write / Read Operation
HEX CODE
C7
C6
C5
C4
C3
C2
C1
C0
word 0: byte 0 and byte 1
80h
1
0
0
0
0
0
0
0
word 1: byte 1 and byte 2
81h
1
0
0
0
0
0
0
1
word 2: byte 2 and byte 3
82h
1
0
0
0
0
0
1
0
word 3: byte 3 and byte 4
83h
1
0
0
0
0
0
1
1
word 4: byte 4 and byte 5
84h
1
0
0
0
0
1
0
0
word 5: byte 5 and byte 6
85h
1
0
0
0
0
1
0
1
word 6: byte 6 and byte 7
86h
1
0
0
0
0
1
1
0
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCL1810A


Similar Part No. - CDCL1810ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZR TI1-CDCL1810RGZR Datasheet
980Kb / 33P
Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810ARGZR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
Single Supply V.35 Transceiver
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 36P
Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
logo
Texas Instruments
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com