Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B02001617IP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B02001617IP
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B02001617IP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B02001617IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B02001617IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B02001617IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONNECTIONS
Ports
16
Computer/Server Ports
(x16) HD15 Female
Other Ports
RJ45 Female
Local Console Ports - Port 1
HD15 Female
Local Console Ports - Port 2
(x3) MiniDIN6 Female
FEATURES & SPECIFICATIONS
Autoscan (Y,N)
Y
Autoscan Duration
1 - 255 Seconds
CERTIFICATIONS
Certifications
UL 60950-1 (USA), CAN/CSA (Canada), FCC Part 15 Class A, CE
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Similar Part No. - B02001617IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
More results

Similar Description - B02001617IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B020-U08-19-IP TRIPPLITE-B020-U08-19-IP Datasheet
521Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
   NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com