Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B02000817 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B02000817
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B02000817 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B02000817 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B02000817 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B02000817 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NetDirector 8-Port 1U Rack-Mount Console KVM
Switch w/17-in. LCD
MODEL NUMBER: B020-008-17
Description
Tripp Lite's 8-port Console KVM Switch with 17" LCD is the optimal solution for controlling multiple computers
from one keyboard, mouse and monitor. This single unit combines an 8 port KVM switch, keyboard, 17" LCD
monitor and touchpad; all in a mere 1U of rack space. Stores neatly in the rack, pulls out when needed. Easily
switch ports using the On-Console push buttons, On Screen Display (OSD) or keyboard hot key commands.
Control PS/2 or USB computers/servers using P774-Series (PS/2) and P776-Series (USB) KVM Cable kits.
Includes an extra HD15 and (2) PS/2 ports on the rear of the unit, which allows for connection of a Tripp Lite
B051-000 IP Remote Access Unit or an external console. Compatible with all major operating systems (Special
keys on Mac and Sun keyboards are not supported).
Features
Combines an 8 port KVM switch, 17" LCD screen, keyboard and touchpad in a 1U rackmountable drawer
Supports video resolutions up to 1280 x 1024
Switch between ports via pushbuttons, OSD or keyboard hot key commands
Includes autoscan feature
Multi-level password security (administrator/user) to ensure only those with authorization can access
connected computers/servers
Includes additional VGA monitor and PS/2 keyboard/mouse ports, allowing for the connection of an external console, or a Tripp Lite B051-000 IP Remote
Access Unit
Hot pluggable; add or remove computers without having to power down the switch
Port names automatically reconfigured when station sequence is changed
Firmware upgradeable
Power Consumption: 120V 60Hz 22.8W; 230V 50Hz 24W
Compatible with all major operating systems (Special keys on Mac and Sun keyboards are not supported)
Constructed of heavy-duty steel housing
DDC emulation allows the video settings of each computer to be automatically adjusted for optimal output to the built-in LCD display.
Highlights
Combines an 8 port KVM switch,
17" LCD screen, keyboard, and
touchpad in a 1U rackmountable
drawer
Supports video resolutions up to
1280 x 1024
Two level password security
(administrator/user)
Compatible with all major
operating systems (Special keys
on Mac and Sun keyboards are
not supported)
System Requirements
PS/2 or USB computer
(1) P774-Series (PS/2) or
P776-Series (USB) KVM Cable
kit is required for each connected
computer/server
Compatible with all major
operating systems (Special keys
on Mac and Sun keyboards are
not supported)
Package Includes
8 Port Console KVM Switch
w/17" LCD
6 ft. PS/2 KVM Cable Kit
6 ft. USB KVM Cable Kit
C13 to 5-15P power cord
RJ11 to DB9 Firmware upgrade
cable
Owners Manual CD
1 / 3


Similar Part No. - B02000817

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
More results

Similar Description - B02000817

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B030-DP08-17D TRIPPLITE-B030-DP08-17D Datasheet
88Kb / 4P
8-Port NetDirector DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B030-DP16-17D TRIPPLITE-B030-DP16-17D Datasheet
89Kb / 4P
NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B020U1619K TRIPPLITE-B020U1619K Datasheet
519Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD 8 PS2-USB Combo Cables
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com