Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB31N20D Datasheet(PDF) 11 Page - International Rectifier

Part # IRFB31N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB31N20D Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFB31N20D Datasheet HTML 3Page - International Rectifier IRFB31N20D Datasheet HTML 4Page - International Rectifier IRFB31N20D Datasheet HTML 5Page - International Rectifier IRFB31N20D Datasheet HTML 6Page - International Rectifier IRFB31N20D Datasheet HTML 7Page - International Rectifier IRFB31N20D Datasheet HTML 8Page - International Rectifier IRFB31N20D Datasheet HTML 9Page - International Rectifier IRFB31N20D Datasheet HTML 10Page - International Rectifier IRFB31N20D Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRFB/IRFS/IRFSL31N20D
www.irf.com
11
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ I
SD ≤ 18A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 3.8mH
RG = 25Ω, IAS = 18A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
Data and specifications subject to change without notice. 2/2000
D2Pak Tape & Reel Information
3
4
4
TR R
FE ED D IRE CT IO N
1.85 (.073 )
1.65 (.065 )
1.60 (.063)
1.50 (.059)
4.10 (.16 1)
3.90 (.15 3)
TR L
F E ED DIR E CTIO N
10 .90 (.429)
10 .70 (.421)
16.10 ( .634)
15.90 ( .626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15 .4 2 (.60 9 )
15 .2 2 (.60 1 )
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(1 4.1 73)
M A X.
27.40 (1.079)
2 3.90 (.941 )
60.00 (2.362)
M IN .
30 .4 0 (1.19 7)
M A X.
26 .40 (1.03 9)
24 .40 (.961)
NO TE S :
1 . CO MFOR MS TO E IA- 418 .
2 . CO NTROL LIN G DIM ENSIO N: M ILL IM ET ER.
3 . DIM ENSIO N M EASURED @ HUB.
4 . INCLUDES F LANGE DIST ORT ION @ OUT ER ED G E.
† This is only applied to TO-220AB package
‡ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.


Similar Part No. - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB31N20D ISC-IRFB31N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFB31N20D ETC2-IRFB31N20D Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
More results

Similar Description - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com