Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB31N20D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB31N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB31N20D Datasheet(HTML) 1 Page - International Rectifier

  IRFB31N20D Datasheet HTML 1Page - International Rectifier IRFB31N20D Datasheet HTML 2Page - International Rectifier IRFB31N20D Datasheet HTML 3Page - International Rectifier IRFB31N20D Datasheet HTML 4Page - International Rectifier IRFB31N20D Datasheet HTML 5Page - International Rectifier IRFB31N20D Datasheet HTML 6Page - International Rectifier IRFB31N20D Datasheet HTML 7Page - International Rectifier IRFB31N20D Datasheet HTML 8Page - International Rectifier IRFB31N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
31
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
21
A
IDM
Pulsed Drain Current

124
PD @TA = 25°C
Power Dissipation
‡
3.1
W
PD @TC = 25°C
Power Dissipation
200
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.1
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
www.irf.com
1
2/14/00
IRFB31N20D
IRFS31N20D
IRFSL31N20D
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
200V
0.082
31A
Typical SMPS Topologies
l Telecom 48V Input Forward Converters
Absolute Maximum Ratings
Notes
 through ‡ are on page 11
D2Pak
IRFS31N20D
TO-220AB
IRFB31N20D
TO-262
IRFSL31N20D
PD- 93805B


Similar Part No. - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB31N20D ISC-IRFB31N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFB31N20D ETC2-IRFB31N20D Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
More results

Similar Description - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com