Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB31N20D Datasheet(PDF) 3 Page - International Rectifier

Part # IRFB31N20D
Description  Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB31N20D Datasheet(HTML) 3 Page - International Rectifier

  IRFB31N20D Datasheet HTML 1Page - International Rectifier IRFB31N20D Datasheet HTML 2Page - International Rectifier IRFB31N20D Datasheet HTML 3Page - International Rectifier IRFB31N20D Datasheet HTML 4Page - International Rectifier IRFB31N20D Datasheet HTML 5Page - International Rectifier IRFB31N20D Datasheet HTML 6Page - International Rectifier IRFB31N20D Datasheet HTML 7Page - International Rectifier IRFB31N20D Datasheet HTML 8Page - International Rectifier IRFB31N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFB/IRFS/IRFSL31N20D
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
V
, Drain-to-Source Voltage (V)
DS
5.5V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
8.0V
7.0V
6.5V
6.0V
5.5V
V
, Drain-to-Source Voltage (V)
DS
5.5V
0.1
1
10
100
1000
5
6
7
8
9
10
11
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
30A


Similar Part No. - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB31N20D ISC-IRFB31N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFB31N20D ETC2-IRFB31N20D Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
296Kb / 12P
   High Frequency DC-DC converters
More results

Similar Description - IRFB31N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB31N20DPBF IRF-IRFB31N20DPBF Datasheet
295Kb / 12P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFP90N20D IRF-IRFP90N20D Datasheet
89Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com