Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9540N Datasheet(PDF) 4 Page - International Rectifier

Part # IRF9540N
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540N Datasheet(HTML) 4 Page - International Rectifier

  IRF9540N Datasheet HTML 1Page - International Rectifier IRF9540N Datasheet HTML 2Page - International Rectifier IRF9540N Datasheet HTML 3Page - International Rectifier IRF9540N Datasheet HTML 4Page - International Rectifier IRF9540N Datasheet HTML 5Page - International Rectifier IRF9540N Datasheet HTML 6Page - International Rectifier IRF9540N Datasheet HTML 7Page - International Rectifier IRF9540N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF9540N
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
500
1000
1500
2000
2500
3000
1
1 0
100
A
DS
-V
, D rain-to-S ourc e V oltage (V )
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
4
8
12
16
20
0
2 04 06 08 0
1 0 0
G
A
Q
, Total G ate C harge (nC )
V
= -80 V
V
= -50 V
V
= -20 V
DS
DS
DS
FO R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= -1 1A
D
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 2 5°C
J
V
= 0V
GS
SD
A
-V
, S ourc e-to-D rain V oltage (V )
T = 17 5°C
J
1
10
100
1000
1
1 0
100
1000
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10m s
A
-V
, D ra in -to -S o urc e V o lta g e (V )
DS
10 0µs
1m s
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J


Similar Part No. - IRF9540N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9540N KERSEMI-IRF9540N Datasheet
738Kb / 8P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
   P-Channel MOSFET Transistor
logo
International Rectifier
IRF9540NL IRF-IRF9540NL Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Kersemi Electronic Co.,...
IRF9540NL KERSEMI-IRF9540NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9540NL ISC-IRF9540NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9540N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF5NJ9540 IRF-IRF5NJ9540 Datasheet
117Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF5Y9540CM IRF-IRF5Y9540CM Datasheet
105Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
   HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP254N IRF-IRFP254N Datasheet
222Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=125mohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP23N50L IRF-IRFP23N50L Datasheet
104Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.190ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com