Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9520N Datasheet(PDF) 6 Page - International Rectifier

Part # IRF9520N
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9520N Datasheet(HTML) 6 Page - International Rectifier

  IRF9520N Datasheet HTML 1Page - International Rectifier IRF9520N Datasheet HTML 2Page - International Rectifier IRF9520N Datasheet HTML 3Page - International Rectifier IRF9520N Datasheet HTML 4Page - International Rectifier IRF9520N Datasheet HTML 5Page - International Rectifier IRF9520N Datasheet HTML 6Page - International Rectifier IRF9520N Datasheet HTML 7Page - International Rectifier IRF9520N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF9520N
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (BR)DSS
I AS
R G
IAS
0.0 1
tp
D.U .T
L
V DS
VDD
DR IV E R
A
15V
-20V
25
50
75
100
125
150
175
0
100
200
300
400
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.7A
-2.5A
-4.0A


Similar Part No. - IRF9520N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9520NL IRF-IRF9520NL Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NL IRF-IRF9520NL Datasheet
166Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF9520NL KERSEMI-IRF9520NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
International Rectifier
IRF9520NPBF IRF-IRF9520NPBF Datasheet
156Kb / 8P
   HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRF9520NPBF KERSEMI-IRF9520NPBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRF9520N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRFRU9120N IRF-IRFRU9120N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com