Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3503M04 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # NE3503M04
Description  C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3503M04 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button NE3503M04 Datasheet HTML 3Page - Renesas Technology Corp NE3503M04 Datasheet HTML 4Page - Renesas Technology Corp NE3503M04 Datasheet HTML 5Page - Renesas Technology Corp NE3503M04 Datasheet HTML 6Page - Renesas Technology Corp NE3503M04 Datasheet HTML 7Page - Renesas Technology Corp NE3503M04 Datasheet HTML 8Page - Renesas Technology Corp NE3503M04 Datasheet HTML 9Page - Renesas Technology Corp NE3503M04 Datasheet HTML 10Page - Renesas Technology Corp NE3503M04 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet PG10456EJ03V0DS
7
NE3503M04
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
Partial Heating
Peak temperature (pin temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).


Similar Part No. - NE3503M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3503M04 CEL-NE3503M04 Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
NE3503M04-A CEL-NE3503M04-A Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
NE3503M04-T2-A CEL-NE3503M04-T2-A Datasheet
394Kb / 7P
   NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
More results

Similar Description - NE3503M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com