Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7463 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7463
Description  Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7463 Datasheet(HTML) 5 Page - International Rectifier

  IRF7463 Datasheet HTML 1Page - International Rectifier IRF7463 Datasheet HTML 2Page - International Rectifier IRF7463 Datasheet HTML 3Page - International Rectifier IRF7463 Datasheet HTML 4Page - International Rectifier IRF7463 Datasheet HTML 5Page - International Rectifier IRF7463 Datasheet HTML 6Page - International Rectifier IRF7463 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF7463
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
1
10
100
0
1000
2000
3000
4000
5000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
0
10
20
30
40
50
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
I =
D
14A
V
= 24V
DS


Similar Part No. - IRF7463

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7463PBF IRF-IRF7463PBF Datasheet
176Kb / 8P
   HEXFET Power MOSFET
IRF7463PBF IRF-IRF7463PBF Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7463PBF IRF-IRF7463PBF_15 Datasheet
182Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
logo
VBsemi Electronics Co.,...
IRF7463TRPBF VBSEMI-IRF7463TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRF7463

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com