Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7458 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7458
Description  Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7458 Datasheet(HTML) 1 Page - International Rectifier

  IRF7458 Datasheet HTML 1Page - International Rectifier IRF7458 Datasheet HTML 2Page - International Rectifier IRF7458 Datasheet HTML 3Page - International Rectifier IRF7458 Datasheet HTML 4Page - International Rectifier IRF7458 Datasheet HTML 5Page - International Rectifier IRF7458 Datasheet HTML 6Page - International Rectifier IRF7458 Datasheet HTML 7Page - International Rectifier IRF7458 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/25/01
IRF7458
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
30V
8.0m
14A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
Notes
 through „ are on page 8
SO-8
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
PD- 93892C
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
14
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
11
A
IDM
Pulsed Drain Current

110
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C


Similar Part No. - IRF7458

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7458PBF IRF-IRF7458PBF Datasheet
130Kb / 8P
   SMPS MOSFET
IRF7458PBF IRF-IRF7458PBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7458PBF IRF-IRF7458PBF Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7458PBF IRF-IRF7458PBF_15 Datasheet
135Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
More results

Similar Description - IRF7458

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com