Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART1500LCDT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART1500LCDT
Description  SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500LCDT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART1500LCDT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro LCD 120V 1500VA 900W Line-Interactive
UPS, Tower, LCD Display, USB
MODEL NUMBER: SMART1500LCDT
Description
Tripp Lite's SMART1500LCDT Line-Interactive Tower UPS System offers voltage regulation, surge suppression
and long-lasting battery support for personal computers, network workstations, home entertainment systems and media centers. Internal UPS circuits support
entry-level PCs or individual VCR/DVR components during power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component
programming. Automatic Voltage Regulation (AVR) circuits continuously regulate brownouts and overvoltages from 92V to 150V back to usable levels, all while
maintaining a full battery charge. Offers complete power protection in an attractive all-black cabinet design. Includes 10 built-in outlets, 5 with full battery
backup and surge suppression for vital system components and another 5 with surge-suppression only for accessories not requiring battery support. Built-in
USB port and included cable enables optional unattended system shutdown without data loss in case of extended power failure. PowerAlert software is
available via free download from www.tripplite.com. HID-compliant USB interface also enables integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Built-in surge dataline surge suppression jacks protect equipment with single-line dialup/DSL or network Ethernet
connection. Built-in audible alarm and large LCD front panel display offers easy to read icon-based status indicators and detailed numeric data regarding input
voltage, output voltage, frequency, load percentage, load watts, battery voltage and runtime in minutes. 1500VA/900W power-handling capacity supports
entry-level PCs, home entertainment systems, network workstations and audio/video components.
Features
SMART1500LCDT line interactive UPS offers network-grade voltage regulation, surge suppression and long lasting battery support
10 built-in NEMA 5-15R outlets, 5 with UPS and surge suppression for vital components and 5 additional outlets with surge-only protection for devices not
requiring battery support
NEMA 5-15P input plug; 6ft / 1.8m line cord
Maintains operation of connected equipment to prevent data loss, equipment damage and downtime associated with power failures and severe voltage
fluctuations
Line Interactive Automatic Voltage Regulation / AVR circuits continuously correct brownouts and overvoltages from 92 to 150V without using battery
power
Network-grade AC surge suppression protects equipment from damage and performance problems resulting from transient surges
Offers 10 minutes runtime at 50% load (450 watts)
Supports an entry level desktop system with LCD screen for up to 90 minutes during power failures (75 watts)
LCD display continuously reports operating mode and battery charge level, plus additional UPS and site power data, such as input & output voltage,
Highlights
1500VA / 1.5kVA tower 120V line
interactive UPS with LCD display
Maintains AC output during power
failures
Corrects brownouts and
overvoltages from 92-150V
LCD interface offers detailed
UPS status and site power
information
USB interface, TEL/DSL/ethernet
and coax line surge suppression
NEMA 5-15P input plug and 10
NEMA 5-15R outlets
Package Includes
SMART1500LCDT UPS
USB cabling
Manual with warranty information
1 / 5


Similar Part No. - SMART1500LCDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500LCDTXL TRIPPLITE-SMART1500LCDTXL Datasheet
179Kb / 5P
   Line-Interactive UPS 1440VA 1200W - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
More results

Similar Description - SMART1500LCDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
logo
Tumbler Technologies + ...
OMNI1500LCDT TRUMPOWER-OMNI1500LCDT Datasheet
545Kb / 5P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
   Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
   SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com