Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART1500LCDT Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SMART1500LCDT
Description  SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500LCDT Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMART1500LCDT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC System Voltage (VDC)
24
Battery Recharge Rate (Included
Batteries)
Less than 8 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51 (requires 2)
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 92 to 150
Overvoltage Correction
Input voltages between 129 and 147 are reduced by 15%
Undervoltage Correction
Input voltages between 92 and 108 are boosted by 18%
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
LCD screen with scroll buttons indicates Input voltage, Output voltage, Frequency (Hz), AVR boost / cut status,
Output load in watts, Output load percentage, Output load in watts, Battery voltage and Estimated runtime in
minutes
Switches
Power switch offers whole UPS power control; Scroll/mute button enables LCD selection options and silences
audible alarm; Test button initiates self test
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
650
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet; Coax jacks (1 set)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
8 x 5.75 x 15.4
UPS Power Module Dimensions
(hwd, cm)
20.3 x 14.6 x 39.1
UPS Power Module Weight (lbs.)
27
UPS Power Module Weight (kg)
12.3
UPS Shipping Dimensions (hwd / in.)
9 x 11.25 x 19.25
UPS Shipping Dimensions (hwd /
cm)
22.9 x 28.6 x 48.9
Shipping Weight (lbs.)
29.4
Shipping Weight (kg)
13.3
Cooling Method
Fan
3 / 5


Similar Part No. - SMART1500LCDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500LCDTXL TRIPPLITE-SMART1500LCDTXL Datasheet
179Kb / 5P
   Line-Interactive UPS 1440VA 1200W - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
More results

Similar Description - SMART1500LCDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
logo
Tumbler Technologies + ...
OMNI1500LCDT TRUMPOWER-OMNI1500LCDT Datasheet
545Kb / 5P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
   Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
   SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com