Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR8726 Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRLR8726
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR8726 Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR8726 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Fig 15. Gate Charge Test Circuit
Fig 16. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
Fig 14.
Diode Reverse Recovery Test Circuit for HEXFET® Power MOSFETs
1K
VCC
DUT
0
L
S
20K
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*** VGS = 5V for Logic Level Devices
***
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

**
*
* Use P-Channel Driver for P-Channel Measurements
** Reverse Polarity for P-Channel
IRLR/U8726PBF
2014-8-16
7
www.kersemi.com


Similar Part No. - IRLR8726

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR8726 ISC-IRLR8726 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRLR8726 EVVOSEMI-IRLR8726 Datasheet
479Kb / 7P
   N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRLR8726PBF IRF-IRLR8726PBF Datasheet
341Kb / 11P
   HEXFET Power MOSFET
IRLR8726PbF IRF-IRLR8726PbF Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8726

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com