Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR8726 Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRLR8726
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR8726 Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR8726 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Fig 12a. Maximum Avalanche Energy
Vs. Drain Current
Fig 12c. Unclamped Inductive Waveforms
Fig 12b. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
I D
TOP
5.6A
8.2A
BOTTOM
20A
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 13a. Switching Time Test Circuit
Fig 13b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
IRLR/U8726PBF
2014-8-16
6
www.kersemi.com


Similar Part No. - IRLR8726

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR8726 ISC-IRLR8726 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRLR8726 EVVOSEMI-IRLR8726 Datasheet
479Kb / 7P
   N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRLR8726PBF IRF-IRLR8726PBF Datasheet
341Kb / 11P
   HEXFET Power MOSFET
IRLR8726PbF IRF-IRLR8726PbF Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8726

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com