Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR8726 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRLR8726
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR8726 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRLR8726 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR8726 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
4
8
12 1620 242832 3640
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 24V
VDS= 15V
ID= 20A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
TC= 25°C
TJ= 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
IRLR/U8726PBF
2014-8-16
4
www.kersemi.com


Similar Part No. - IRLR8726

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR8726 ISC-IRLR8726 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRLR8726 EVVOSEMI-IRLR8726 Datasheet
479Kb / 7P
   N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRLR8726PBF IRF-IRLR8726PBF Datasheet
341Kb / 11P
   HEXFET Power MOSFET
IRLR8726PbF IRF-IRLR8726PbF Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8726

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com