Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENVIROSENSE Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # ENVIROSENSE
Description  EnviroSense Rack Environment Sensor,Temperature, Humidity, Contact-Closure Inputs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ENVIROSENSE Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  ENVIROSENSE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ENVIROSENSE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EnviroSense Rack Environment Sensor,
Temperature, Humidity, Contact-Closure Inputs
MODEL NUMBER: ENVIROSENSE
Description
Tripp Lite's ENVIROSENSE module (when used with Tripp Lite SNMP/Web Cards or Intelligent PDU's) provides
remote temperature/humidity monitoring and a dry contact interface to control and monitor alarm, security and
telecom devices.
Features
Connects to Tripp Lite Internal or External SNMP/Web Cards or Intelligent PDU's
Allows remote temperature/humidity monitoring in network environments
Provides monitoring and control of alarm, security and telecom devices through a dry-contact interface
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Model Type
Hardware
CERTIFICATIONS
Approvals
TAA Compliant
WARRANTY
Highlights
Environmental Sensor for use
with Tripp Lite SNMPWEBCARD
enabled UPS systems,
Monitored PDUs and Switched
PDUs
Send/receive contact closure
signals with up to four compatible
devices (such as smoke
detectors, fire alarms and
security systems)
Simple installation
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Applications
Ideal for the remote
temperature/humidity monitoring
and monitor/control of alarm,
security and telecom devices.
Package Includes
ENVIROSENSE
Manual
1 / 2


Similar Part No. - ENVIROSENSE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENV-05G MURATA1-ENV-05G Datasheet
165Kb / 6P
   PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
logo
Advantech Co., Ltd.
ENV-46A-AP01 ADVANTECH-ENV-46A-AP01 Datasheet
476Kb / 2P
   DeviceOn/BI
31-May-2021
ENV-49A-AP01 ADVANTECH-ENV-49A-AP01 Datasheet
505Kb / 2P
   E&E/Patrol Inspection
12-Mar-2021
logo
General Semiconductor
ENV50140 GE-ENV50140 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Schneider Electric
ENVEOLI1904009 SCHNEIDER-ENVEOLI1904009 Datasheet
14Mb / 72P
   TeSys™ island – Digital Motor Management Solution Functional Safety Guide
2021
More results

Similar Description - ENVIROSENSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
   Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
   Duct Sensor Humidity / Temperature
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
EnOcean GmbH.
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
   EnOcean Temperature & Humidity Sensor
April 2022
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
   LoRaWAN Temperature/Humidity Sensor
19-May-2023
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
Schneider Electric
AP9335TH SCHNEIDER-AP9335TH Datasheet
104Kb / 2P
   APC Temperature & Humidity Sensor
Oct 17, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com