Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7128 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7128
Description  CMOS 80 MHz, 10-Bit Video DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7128 Datasheet(HTML) 2 Page - Analog Devices

  ADV7128_15 Datasheet HTML 1Page - Analog Devices ADV7128_15 Datasheet HTML 2Page - Analog Devices ADV7128_15 Datasheet HTML 3Page - Analog Devices ADV7128_15 Datasheet HTML 4Page - Analog Devices ADV7128_15 Datasheet HTML 5Page - Analog Devices ADV7128_15 Datasheet HTML 6Page - Analog Devices ADV7128_15 Datasheet HTML 7Page - Analog Devices ADV7128_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADV7128–SPECIFICATIONS
(VAA = +5 V
5%; VREF = +1.235 V; RL = 37.5
, CL = 10 pF; RSET = 560
.
All specifications TMIN to TMAX
1 unless otherwise noted.)
Parameter
K Version
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
10
Bits
Accuracy
Integral Nonlinearity, INL
± 1
LSB max
Differential Nonlinearity, DNL
± 1
LSB max
Guaranteed Monotonic
Gray Scale Error
± 5
% Gray Scale max
Max Gray Scale Current = (VREF* 7,969/RSET) mA
Coding
Binary
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
± 1
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
2
10
pF max
ANALOG OUTPUT
Gray Scale Current Range
15
mA min
22
mA max
Output Current
White Level
16.74
mA min
Typically 17.62 mA
18.50
mA max
Black Level
0
µA min
Typically 5
µA
50
µA max
LSB Size
17.28
µA typ
Output Compliance, VOC
0
V min
+1.4
V max
Output Impedance, ROUT
2
100
k
Ω typ
Output Capacitance, COUT
2
30
pF max
IOUT = 0 mA
VOLTAGE REFERENCE
Voltage Reference Range, VREF
1.14/1.26
V min/V max
VREF = 1.235 V for Specified Performance
Input Current, IVREF
–5
mA typ
POWER REQUIREMENTS
VAA
5
V nom
IAA
125
mA max
Typically 80 mA: 80 MHz Parts
100
mA max
Typically 70 mA: 50 MHz & 35 MHz Parts
Power Supply Rejection Ratio
2
0.5
%/% max
Typically 0.12%/%: f = 1 kHz, COMP = 0.1
µF
Power Dissipation
625
mW max
Typically 400 mW: 80 MHz Parts
500
mW max
Typically 350 mW: 50 MHz & 30 MHz Parts
DYNAMIC PERFORMANCE
Glitch Impulse
2, 3
50
pV secs typ
DAC Noise
2, 3, 4
200
pV secs typ
NOTES
1Temperature range (T
MIN to TMAX); 0°C to +70°C.
2Sample tested at +25
°C to ensure compliance.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. See timing notes in Figure 1.
4This includes effects due to clock and data feedthrough.
Specifications subject to change without notice.


Similar Part No. - ADV7128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7128KR30 AD-ADV7128KR30 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR50 AD-ADV7128KR50 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128KR80 AD-ADV7128KR80 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results

Similar Description - ADV7128_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
Cadeka Microcircuits LL...
SPT5220 CADEKA-SPT5220 Datasheet
3Mb / 8P
   10-BIT, 80 MWPS VIDEO DAC
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com